Electronic Components Datasheet Search
  English  ▼

X  

FMMTA43 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FMMTA43
Description  SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMTA43 Datasheet(HTML) 1 Page - Zetex Semiconductors

  FMMTA43 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT23 NPN SILICON PLANAR
HIGH VOLTAGE TRANSISTORS
ISSUE 4 – MARCH 2001
✪
PARTMARKING DETAIL –
FMMTA42 –
3E
FMMTA42R –
7E
COMPLEMENTARY TYPES – FMMTA42 – FMMTA92
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
FMMTA42
UNIT
Collector-Base Voltage
VCBO
300
V
Collector-Emitter Voltage
VCEO
300
V
Emitter-Base Voltage
VEBO
5V
Continuous Collector Current
IC
200
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C).
PARAMETER
SYMBOL
MIN.
MAX.
MIN.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
300
200
V
IC=100µA, IE=0
Collector-Emitter
Breakdown Voltage
V(BR)CEO
300
200
V
IC=1mA, IB=0*
Emitter-Base
Breakdown Voltage
V(BR)EBO
66V
IE=100µA, IC=0
Collector Cut-Off
Current
ICBO
0.1
0.1
µA
µA
VCB=200V, IE=0
VCB=160V, IE=0
Emitter Cut-Off
Current
IEBO
0.1
0.1
µA
µA
VEB=6V, IC=0
VEB=4V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
0.5
0.4
V
IC=20mA, IB=2mA*
Base-Emitter
Saturation Voltage
VBE(sat)
0.9
0.9
V
IC=20mA, IB=2mA*
Static Forward
Current Transfer
Ratio
hFE
25
40
40
25
40
50
200
IC=1mA, VCE=10V*
IC=10mA, VCE=10V*
IC=30mA, VCE=10V*
Transition
Frequency
fT
50
50
MHz
IC=10mA, VCE=20V
f=20MHz
Output Capacitance
Cobo
68
pF
VCB=20V, f=1MHz
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤2%
FMMTA42
C
B
E
SOT23
TBA


Similar Part No. - FMMTA43

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMTA42 ZETEX-FMMTA42 Datasheet
37Kb / 1P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTORS
logo
Diodes Incorporated
FMMTA42 DIODES-FMMTA42 Datasheet
147Kb / 4P
SOT23 NPN Silicon planar high voltage transistor
DECEMBER 2007
FMMTA42TA DIODES-FMMTA42TA Datasheet
147Kb / 4P
FMMTA42 SOT23 NPN Silicon planar high voltage transistor
DECEMBER 2007
FMMTA42 DIODES-FMMTA42_15 Datasheet
269Kb / 6P
300V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 7
logo
First Components Intern...
FMMTA44 FCI-FMMTA44 Datasheet
177Kb / 2P
NPN EPITAXIAL TRANSISTOR Junction Temperature Tj 150
More results

Similar Description - FMMTA43

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMMT2222 ETC-FMMT2222 Datasheet
42Kb / 2P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Zetex Semiconductors
FMMT3903 ZETEX-FMMT3903 Datasheet
46Kb / 2P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
FMMT5400 ZETEX-FMMT5400 Datasheet
27Kb / 1P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTORS
FMMT2222 ZETEX-FMMT2222 Datasheet
45Kb / 2P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
FMMT5550 ZETEX-FMMT5550 Datasheet
30Kb / 1P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTORS
logo
Diodes Incorporated
FMMT497 DIODES-FMMT497 Datasheet
164Kb / 6P
SOT23 NPN silicon planar high voltage high
November 2006
logo
Zetex Semiconductors
BFS17HTA ZETEX-BFS17HTA Datasheet
57Kb / 2P
SOT23 NPN SILICON PLANAR RF TRANSISTORS
logo
List of Unclassifed Man...
FMMTA13TA ETC2-FMMTA13TA Datasheet
48Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
FMMTA14TA ETC2-FMMTA14TA Datasheet
48Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Zetex Semiconductors
BCV47 ZETEX-BCV47 Datasheet
253Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com