Electronic Components Datasheet Search
  English  ▼

X  

FRS3A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FRS3A
Description  3 Amp. Surface Mounted Glass Passivated Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FRS3A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FRS3A Datasheet HTML 1Page - List of Unclassifed Manufacturers FRS3A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
Voltage
50 to 1000 V
Current
3.0 A
FRS3A ........ FRS3M
3 Amp. Surface Mounted Glass Passivated Fast Recovery Rectifier
• Glass passivated junction
• High current capability
• The plastic material carries U/L 94 V-0
• Low profile package
• Easy pick and place
• High temperature soldering 260 ºC 10 sec
Dimensions in mm.
CASE:
SMC/DO-214AB
Maximum Ratings and Electrical Characteristics at 25 ºC
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Forward current at T
L = 75 ºC
V
RRM
V
RMS
V
DC
I
F(AV)
I
FSM
V
F
I
R
Maximum DC Reverse Current
at Rated DC Blocking Voltage
MECHANICAL DATA
Terminals: Solder plated, solderable per IEC 68-2-20.
Standard Packaging: 8 mm. tape (EIA-RS-481).
Weight: 1.12 g.
Marking Code
Maximum Instantaneous Forward
Voltage at 3.0 A
Ta = 25 ºC
Ta = 125 ºC
Maximum Reverse Recovery Time (0.5/1/0.25A)
t
rr
Typical Junction Capacitance (1MHz; -4V)
C
j
Typical Thermal Resistance
(5x5 mm2 x 130 µ Copper Area)
Operating Junction and Storage
Temperature Range
8.3 ms. peak forward surge current
(Jedec Method)
T
j - Tstg
R
th (j-l)
Rth (j-a)
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
3 A
100 A
1.3 V
150 ns
60 pF
10 µA
250µ A
15 ºC/W
50 ºC/W
-55 to + 150 ºC
250 ns
300 ns
FRS3M
FRS3K
FRS3J
FRS3G
FRS3D
FRS3B
FRS3A
J7
J6
J5
J4
J3
J2
J1
Jun - 03
2.8
7.2
Standard soldering pad
1.25 ± 0.25
7.8 ± 0.3
1.25 ± 0.25
Week code
Year code
Type No. Closs


Similar Part No. - FRS3A

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
FRS3 ALLEN-BRADLEY-FRS3 Datasheet
54Kb / 2P
Non contact Switches
logo
List of Unclassifed Man...
FRS3.0-02LG ETC2-FRS3.0-02LG Datasheet
199Kb / 3P
FIRM RETAINING SPACER
FRS3.0-03LG ETC2-FRS3.0-03LG Datasheet
199Kb / 3P
FIRM RETAINING SPACER
FRS3.0-04LG ETC2-FRS3.0-04LG Datasheet
199Kb / 3P
FIRM RETAINING SPACER
FRS3.0-05LG ETC2-FRS3.0-05LG Datasheet
199Kb / 3P
FIRM RETAINING SPACER
More results

Similar Description - FRS3A

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
RS3A FUJI-RS3A Datasheet
718Kb / 1P
3 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
FES3A ETC-FES3A Datasheet
50Kb / 2P
3 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
FRS2A ETC1-FRS2A Datasheet
48Kb / 2P
1.5 Amp. Surface Mounted Glass Passivated Fast Recovery Rectifier
logo
Central Semiconductor C...
CPD25 CENTRAL-CPD25 Datasheet
62Kb / 1P
Fast Recovery Rectifier 3 Amp Glass Passivated Rectifier Chip
logo
List of Unclassifed Man...
FES2A ETC1-FES2A Datasheet
51Kb / 2P
2 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
FS3A ETC1-FS3A Datasheet
50Kb / 2P
3 Amp. Surface Mounted Glass Passivated Rectifier
FRS1A ETC1-FRS1A Datasheet
51Kb / 2P
1 Amp. Surface Mounted Glass Passivated Fast Recovery Rectifier
FESIA ETC-FESIA Datasheet
51Kb / 2P
1 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
logo
SeCoS Halbleitertechnol...
FR151G SECOS-FR151G Datasheet
203Kb / 2P
1.5 AMP Glass Passivated Fast Recovery Rectifier
SCDF103 SECOS-SCDF103_15 Datasheet
380Kb / 2P
1.0 Amp Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com