Electronic Components Datasheet Search
  English  ▼

X  

HAL506 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # HAL506
Description  Hall Effect Sensor Family
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL506 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button HAL506 Datasheet HTML 17Page - List of Unclassifed Manufacturers HAL506 Datasheet HTML 18Page - List of Unclassifed Manufacturers HAL506 Datasheet HTML 19Page - List of Unclassifed Manufacturers HAL506 Datasheet HTML 20Page - List of Unclassifed Manufacturers HAL506 Datasheet HTML 21Page - List of Unclassifed Manufacturers HAL506 Datasheet HTML 22Page - List of Unclassifed Manufacturers HAL506 Datasheet HTML 23Page - List of Unclassifed Manufacturers HAL506 Datasheet HTML 24Page - List of Unclassifed Manufacturers HAL506 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
HAL504
21
Micronas
0
2
4
6
8
10
12
14
16
18
0
5
10
15
20
25
30 V
mT
VDD
BON
BOFF
TA = –40 °C
TA = 25 °C
TA = 170 °C
TA = 100 °C
HAL 504
BON
BOFF
Fig. 4–14: Typ. magnetic switching points
versus supply voltage
0
2
4
6
8
10
12
14
16
18
3
3.5
4.0
4.5
5.0
5.5
6.0 V
mT
VDD
BON
BOFF
TA = –40 °C
TA = 25 °C
TA = 170 °C
TA = 100 °C
HAL 504
BON
BOFF
Fig. 4–15: Typ. magnetic switching points
versus supply voltage
0
2
4
6
8
10
12
14
16
18
–50
0
50
100
150
200
°C
mT
TA, TJ
BON
BOFF
VDD = 3.8 V
VDD = 4.5 V... 24 V
BONmax
BONtyp
BONmin
BOFFmax
BOFFtyp
BOFFmin
HAL 504
Fig. 4–16: Magnetic switching points
versus temperature
Note: In the diagram “Magnetic switching points versus
temperature”
the
curves
for
BONmin, BONmax,
BOFFmin, and BOFFmax refer to junction temperature,
whereas typical curves refer to ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com