Electronic Components Datasheet Search
  English  ▼

X  

LC1200 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # LC1200
Description  1200W 120V Line Conditioner
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

LC1200 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  LC1200 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved LC1200 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved LC1200 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1200W 120V Line Conditioner - Automatic Voltage
Regulator (AVR), AC Surge Protection, 4 Outlets
MODEL NUMBER: LC1200
Description
The LC1200 1200W 120V Line Conditioner - Automatic Voltage Regulator adjusts under- and overvoltages to provide safe, computer-grade AC power that
meets ANSI C84.1 specifications. The automatic voltage regulation (AVR) offers three levels of voltage stabilization that corrects undervoltages as low as 89V
and overvoltages as high as 147V back to regulated 120V nominal power. Providing optimum voltage conditions not only extends the life of your equipment,
but also keeps your equipment working through brownouts and prolonged overvoltage conditions.
A network-grade 1200-joule surge suppression rating exceeds the IEEE-587 standard for surge suppression (both categories A and B) and prevents even the
strongest spikes from inflicting damage, data loss or corruption and audio/video performance problems on your connected equipment. EMI/RFI noise filtering
protects your AC line from disruptive electromagnetic and radio interference.
Just connect the space-saving NEMA 5-15P right-angle plug with 7-foot cord to an AC power source, and plug up to four devices into the NEMA 5-15R outlets.
You can monitor AC power, incoming voltage level and AC line status using the seven diagnostic LEDs on the front panel. The compact LC1200 fits
comfortably into your computer or home theater setup.
Features
Protects Valuable Electronics
Rated at 120V/1200W/10A
Ideal for computers, routers, modems, printers, home theater components and point-of-sale equipment
Connect up to 4 electronic devices to the rear NEMA 5-15R outlets
7 ft. cord with NEMA 5-15P right-angle plug for easier connection in tight spaces
Compact unit (7.25 in. high) fits comfortably into your computer or home theater setup
Automatic Voltage Regulation (AVR)
Monitors incoming AC power and keeps equipment working through brownouts and prolonged overvoltage conditions
Corrects undervoltages as low as 89V and overvoltages up to 147V
AC Line Surge Suppression
Highlights
Ideal for computers, routers,
modems and home theater
components
Corrects under- and overvoltages
in 89V–147V range
Protects against spikes with 1200
joules of surge suppression
Monitors power status with
front-panel diagnostic LEDs
Features 4 NEMA 5-15R rear
outlets
Package Includes
LC1200 1200W 120V Power
Conditioner
Owner’s Manual
1 / 3


Similar Part No. - LC1200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC1200 ETC2-LC1200 Datasheet
544Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
logo
Tripp Lite. All Rights ...
LC1200WM TRIPPLITE-LC1200WM Datasheet
394Kb / 2P
Line Conditioner
More results

Similar Description - LC1200

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SCN-1K2 ASTRODYNE-SCN-1K2 Datasheet
418Kb / 3P
1200W With Parallel Function
logo
Tripp Lite. All Rights ...
LR604 TRIPPLITE-LR604 Datasheet
487Kb / 3P
600W 230V AVR Line Conditioner, Power Conditioner
LR1000 TRIPPLITE-LR1000 Datasheet
538Kb / 2P
1000W 230V AVR Line Conditioner, Power Conditioner
LR2000 TRIPPLITE-LR2000 Datasheet
546Kb / 3P
2000W 230V AVR Line Conditioner, Power Conditioner
LC1200WM TRIPPLITE-LC1200WM Datasheet
394Kb / 2P
Line Conditioner
LC1800 TRIPPLITE-LC1800 Datasheet
499Kb / 3P
1800W 120V Power Conditioner
LC2400 TRIPPLITE-LC2400 Datasheet
493Kb / 3P
2400W 120V Power Conditioner
LCR2400 TRIPPLITE-LCR2400 Datasheet
423Kb / 3P
2400W 120V 3U Rack-Mount Power Conditioner
LS604WM TRIPPLITE-LS604WM Datasheet
454Kb / 3P
600W 120V Wall-Mount Power Conditioner
LS606M TRIPPLITE-LS606M Datasheet
444Kb / 3P
600W 120V Power Conditioner
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com