Electronic Components Datasheet Search
  English  ▼

X  

HFA35HB60C Datasheet(PDF) 1 Page - International Rectifier

Part # HFA35HB60C
Description  Ultrafast, Soft Recovery Diode FRED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HFA35HB60C Datasheet(HTML) 1 Page - International Rectifier

  HFA35HB60C Datasheet HTML 1Page - International Rectifier HFA35HB60C Datasheet HTML 2Page - International Rectifier HFA35HB60C Datasheet HTML 3Page - International Rectifier HFA35HB60C Datasheet HTML 4Page - International Rectifier HFA35HB60C Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5/4/04
• Reduced RFI and EMI
• Reduced Snubbing
• Extensive Characterization of Recovery Parameters
• Hermetic
• Electrically Isolated
• Ceramic Eyelets
Features
Description
These Ultrafast, soft recovery diodes are optimized to reduce losses and EMI/RFI in high frequency power
conditioning systems.
An extensive characterization of the recovery behavior for different values of current,
temperature and di/dt simplifies the calculations of losses in the operating conditions. The softness of the recovery
eliminates the need for a snubber in most applications. These devices are ideally suited for power converters, motors
drives and other applications where switching losses are significant portion of the total losses.
Ultrafast, Soft Recovery Diode
FRED
VR = 600V
VF = 1.9V
Qrr = 270nC
di
(rec)M /dt = 345A/µs
Note:  D.C. = 50% rect. wave
‚ 1/2 sine wave, 60 Hz , P.W. = 8.33 ms
HFA35HB60C
www.irf.com
1
Parameter
Max.
Units
VR
Cathode to Anode Voltage (Per Leg)
600
V
IF(AV)
Continuous Forward Current,
 TC =100 °C
30
IFSM
Single Pulse Forward Current,
‚ TC = 25°C (Per Leg)
150
PD @ TC = 25°C
Maximum Power Dissipation
63
W
TJ, TSTG
Operating Junction and Storage Temperature Range
-55 to +150
°C
A
Absolute Maximum Ratings
CASE STYLE
TO-254AA
(ISOLATED BASE)
ANODE
COMMON
ANODE
CATHODE
PD - 20378B


Similar Part No. - HFA35HB60C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA35HB60C IRF-HFA35HB60C Datasheet
190Kb / 5P
Ultrafast, Soft Recovery Diode
HFA35HB60CSCV IRF-HFA35HB60CSCV Datasheet
190Kb / 5P
Ultrafast, Soft Recovery Diode
HFA35HB60C IRF-HFA35HB60C_15 Datasheet
190Kb / 5P
Ultrafast, Soft Recovery Diode
More results

Similar Description - HFA35HB60C

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
N-30EPU06 NELLSEMI-N-30EPU06 Datasheet
1Mb / 6P
FRED Ultrafast Soft Recovery Diode, 30 A
N-30EPU12 NELLSEMI-N-30EPU12 Datasheet
1Mb / 6P
FRED Ultrafast Soft Recovery Diode, 30 A
N-HFA08TB120 NELLSEMI-N-HFA08TB120 Datasheet
324Kb / 6P
FRED Ultrafast Soft Recovery Diode, 8 A
NKF600-60I NELLSEMI-NKF600-60I Datasheet
679Kb / 5P
FRED Single Ultrafast Soft Recovery Diode
NKFD200-120SI NELLSEMI-NKFD200-120SI Datasheet
690Kb / 5P
FRED Ultrafast Soft Recovery Diode Module
NKFD400-60I NELLSEMI-NKFD400-60I Datasheet
693Kb / 6P
FRED Ultrafast Soft Recovery Diode Module
NKFD400-120I NELLSEMI-NKFD400-120I Datasheet
688Kb / 6P
FRED Ultrafast Soft Recovery Diode Module
NKFD600-60I NELLSEMI-NKFD600-60I Datasheet
688Kb / 6P
FRED Ultrafast Soft Recovery Diode Module
NKFD400-40M NELLSEMI-NKFD400-40M Datasheet
681Kb / 5P
FRED Ultrafast Soft Recovery Diode Module
NST120F06 NELLSEMI-NST120F06_17 Datasheet
704Kb / 6P
FRED Ultrafast Soft Recovery Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com