Electronic Components Datasheet Search
  English  ▼

X  

S1WBA80 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # S1WBA80
Description  Bridge Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S1WBA80 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  S1WBA80 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S1WBA80 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S1WBA80 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S1WBA80 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S1WB
(A)□
S1WB
(A)60B
単位
Unit
℃
℃
V
A
A
A2s
V
μA
℃/W
●絶対最大定格 Absolute Maximum Ratings(指定のない場合 Tl =25℃/unless otherwise specified)
項 目
Item
記号
Symbol
条 件
Conditions
品 名
Type No.
保存温度
Storage Temperature
接合部温度
Operation Junction Temperature
せん頭逆電圧
Maximum Reverse Voltage
出力電流
Average Rectified Forward Current
せん頭サージ順電流
Peak Surge Forward Current
順電圧
Forward Voltage
逆電流
Reverse Current
熱抵抗
Thermal Resistance
Tstg
Tj
VRM
IO
IFSM
VF
IR
θjl
θja
50Hz 正弦波,非繰り返し1サイクルせん頭値,Tj=25℃
50Hz sine wave, Non-repetitive 1cycle peak value, Tj= 25℃
50Hz 正弦波,抵抗負荷,Ta=25℃
50Hz sine wave, Resistance load, Ta=25℃
パルス測定,1素子当たりの規格値
Pulse measurement, per diode
パルス測定,1素子当たりの規格値
Pulse measurement, per diode
IF=0.5A,
VR=VRM,
接合部・リード間
Junction to Lead
接合部・周囲間
Junction to Ambient
●電気的・熱的特性 Electrical Characteristics(指定のない場合 Tl =25℃/unless otherwise specified)
MAX
1.0
MAX
10
MAX
10
MAX
65
−40∼150
150
1
電流二乗時間積
Current Squared Time
1ms≦t<10ms,Tj=25℃,
I2t
600
50
16
600
(VRSM=700V)
60
800
80
60
30
4.5
1素子当たりの規格値
per diode
S1WB(A)
□/60B
800V 1A
• 高 IFSM
• 耐湿性に優れ高信頼性
• Large IFSM
• High-Reliability
■定格表 RATINGS
外形図については新電元 Web サイト又は〈半導体製品一覧表〉をご参照下
さい。捺印表示については捺印仕様をご確認下さい。
For details of outline dimensions, refer to our web site or the Semiconductor
.”
n
o
it
c
e
n
n
o
C
l
a
n
i
m
r
e
T
Package
:1W(SMD)
Unit : mm
Package
:1W(DIP)
Unit : mm
■外観図 OUTLINE
10.2
④
③
①
②
④−
①+
③∼
②∼
品名略号
Type No.
級表示(例)
Class
ロット記号(例)
Date code
S1WB
6043
S1WB
2076
ロット記号(例)
Date code
級表示(例)
Class
品名略号
Type No.
10.2
③
②
④
①
④−
①+
③∼
②∼
SMD/D
IP
Bridge Diode
(J534-p〈2014.03〉)
• Small-D
特 長
• 小型 DIP パッケージ
または
• 小型 SMDパッケージ
• Small-SMD
or
IP
Feature
特 長


Similar Part No. - S1WBA80

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S1WBA60 SHINDENGEN-S1WBA60 Datasheet
171Kb / 5P
General purpose rectifiers
S1WBA60B SHINDENGEN-S1WBA60B Datasheet
328Kb / 4P
Bridge Diode
S1WBA60S SHINDENGEN-S1WBA60S Datasheet
171Kb / 5P
General purpose rectifiers
More results

Similar Description - S1WBA80

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
LL25XB60 SHINDENGEN-LL25XB60 Datasheet
131Kb / 2P
Bridge Diode
logo
Clare, Inc.
CPC7557 CLARE-CPC7557 Datasheet
427Kb / 5P
Diode Bridge
logo
Shindengen Electric Mfg...
D50JCB80V SHINDENGEN-D50JCB80V Datasheet
168Kb / 4P
Bridge Diode
S1NBB80 SHINDENGEN-S1NBB80 Datasheet
335Kb / 4P
Bridge Diode
D6JBB60V SHINDENGEN-D6JBB60V Datasheet
198Kb / 4P
Bridge Diode
D10JBB60V SHINDENGEN-D10JBB60V Datasheet
198Kb / 4P
Bridge Diode
D15XB60H SHINDENGEN-D15XB60H Datasheet
436Kb / 4P
Bridge Diode
D75JFT80V SHINDENGEN-D75JFT80V Datasheet
822Kb / 4P
Bridge Diode
S1NB60 SHINDENGEN-S1NB60_17 Datasheet
304Kb / 4P
Bridge Diode
S1WBA60B SHINDENGEN-S1WBA60B Datasheet
328Kb / 4P
Bridge Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com