Electronic Components Datasheet Search
  English  ▼

X  

ASB22A Datasheet(PDF) 1 Page - StarHope

Part # ASB22A
Description  Glass passivated chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

ASB22A Datasheet(HTML) 1 Page - StarHope

  ASB22A Datasheet HTML 1Page - StarHope ASB22A Datasheet HTML 2Page - StarHope ASB22A Datasheet HTML 3Page - StarHope ASB22A Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AUTO TVS/ASB Series
Features
Very fast response time
RoHS compliant
Excellent clamping capability
Glass passivated chip
8000 W peak pulse power capability with a
10/1000 s waveform, repetitive rate (duty
cycle):0.01 %
Meet AEC-Q101 requirement
Low leakage
Uni-directional polarity
>
>
>
>
>
>
>
>
(TA=25
unless otherwise noted)
Electrical Characteristics
NOTE: Surge current waveform is defined at 10/1000uS waveform
01 | www.spsemi.cn
Mechanical Data
Epoxy: UL 94V-0 rate flame retardant
Polarity: Heatsink is anode
>
>
>
IEC Compatibility
Plastic package
Part Number
(Uni)
Working
Peak Reverse
Voltage VRWM
(V)
Breakdown Voltage VBR @I T
Maximum
Reverse
Leakage IR
@VRWM(uA)
Maximum
IR@VRWM
TJ=175
(uA)
Maximu
Reverse Surge
Current I PP
(A)
(1)
Maximum
Clamping
Voltage
VC@I PP (V)
Min(V) Max(V)
IT(mA)
ASB20A
20
22.2
24.5
5
10
150
246.9
32.4
ASB22A
22
24.4
26.9
5
10
150
225.4
35.5
ASB24A
24
26.7
29.5
5
10
150
205.7
38.9
ASB26A
26
28.9
31.9
5
10
150
190.0
42.1
ASB28A
28
31.1
34.4
5
10
150
176.2
45.4
ASB30A
30
33.3
36.8
5
10
150
165.3
48.4
ASB33A
33
36.7
40.6
5
10
150
150.1
53.3
ASB36A
36
40.0
44.2
5
10
150
137.7
58.1
ISO 16750-2 Test A 12v System( 100V 1
400ms 10c)
24v System (174V 4
350ms 10c)
Ω
Ω
>
DO-218AB/SOD-BLOCK
REV.2016.01.04


Similar Part No. - ASB22A

ManufacturerPart #DatasheetDescription
logo
StarHope
ASB22A SPSEMI-ASB22A Datasheet
183Kb / 4P
Surface Mount Auto Surge Suppressor Working Peak Reverse Voltage - 22 to 42 Volts 8000 Watt Peak Pulse Power
More results

Similar Description - ASB22A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP170 LUGUANG-5KP170 Datasheet
425Kb / 4P
Glass passivated chip
logo
Bruckewell Technology L...
FR301_7G BWTECH-FR301_7G Datasheet
361Kb / 4P
Glass passivated chip
logo
Kersemi Electronic Co.,...
MUR2010CT KERSEMI-MUR2010CT Datasheet
1Mb / 2P
Glass passivated chip
logo
Comchip Technology
1N4728A-G COMCHIP-1N4728A-G Datasheet
125Kb / 6P
Glass passivated chip.
logo
Micro Commercial Compon...
MD100A08D1 MCC-MD100A08D1 Datasheet
476Kb / 4P
Glass passivated chip
MD100S08M3 MCC-MD100S08M3 Datasheet
512Kb / 4P
Glass passivated chip
MT110C08T1 MCC-MT110C08T1 Datasheet
545Kb / 5P
Glass passivated chip
TBS20A MCC-TBS20A Datasheet
371Kb / 3P
Glass passivated chip
logo
New Jersey Semi-Conduct...
MUR1605 NJSEMI-MUR1605 Datasheet
93Kb / 1P
Glass passivated chip
logo
Shanghai Leiditech Elec...
SMAJ3.3LIR LEIDITECH-SMAJ3.3LIR Datasheet
1,016Kb / 3P
Glass passivated chip
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com