Electronic Components Datasheet Search
  English  ▼

X  

HT81018 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT81018
Description  EasyVoice Speech
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT81018 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT81018 Datasheet HTML 6Page - Holtek Semiconductor Inc HT81018 Datasheet HTML 7Page - Holtek Semiconductor Inc HT81018 Datasheet HTML 8Page - Holtek Semiconductor Inc HT81018 Datasheet HTML 9Page - Holtek Semiconductor Inc HT81018 Datasheet HTML 10Page - Holtek Semiconductor Inc HT81018 Datasheet HTML 11Page - Holtek Semiconductor Inc HT81018 Datasheet HTML 12Page - Holtek Semiconductor Inc HT81018 Datasheet HTML 13Page - Holtek Semiconductor Inc HT81018 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
HT81XXX
Rev. 1.40
10
March 1, 2005
Functional Description
The EasyVoice
TM is voice synthesizer with 6, 9, 12, 18 or
36-second voice capacity. A group of pre-recorded voice
sections is played upon receipt of key trigger input sig-
nals. Two FLAG signals are output while playing voices.
The HT81XXX voice capacity can be divided into sec-
tions of arbitrary length. Notice that the silence length
and end-pulse width are not included in the memory.
By using Holtek
¢s programming tools (HT-VDS81W),
the contents and arrangement of sections, as well as
key features and FLAG output are all programmable be-
fore device fabrication.
The IC provides 6 direct key inputs (KEY1~KEY6),
KEY1 can be optioned as a direct, sequential trigger
key. KEY2~KEY6 can be selected as a stop or a direct
key.
The IC provides matrix key (KEY1~KEY8), 6 program-
ming pins (KEY1, KEY2, KEY3, KEY4, I/O1 and I/O2)
can be divided to 8 key that can be optioned as normal
or one shot trigger.
Play Function Block Diagram
System Oscillator
The EasyVoice
TM has a built-in RC oscillator which re-
quires only one external resistor for normal applications.
The oscillator frequency is typically 2MHz for an exter-
nal resistor of 150k
W. The required oscillator frequency
may vary with different sampling rates in the process of
voice programming. As a result, the value of the oscilla-
tor resistor may be different with respect to different
items.
The oscillator is turned on when triggered by a key input.
After playing, it is immediately turned off. Then the chip
goes into the standby state.
Voice ROM
The voice ROM is originally designed to continuously re-
cord the 6, 9, 12, 18 or 36-sec voice data at about 5kHz
sampling rate. A higher sampling rate will generate
voices of better playback quality, but will shorten the to-
tal recording time. On the other hand, a lower sampling
rate will result in longer recording time but sacrifice the
voice quality.
The playback time can be significantly extended by
making use of coding efficiency, silence playing, section
repeating, section cascade, etc.
Section
Section is the basic element constituting the contents of
the voice ROM. During programming, the customer¢s
voice sources can be divided into as many sections as
required. A section can be composed of a voice or an in-
terval of silence. However, the silent length is not
counted in the voice ROM. The total number of sections
included should be less than 240 due to the space limi-
tation of the function table ROM. The total length of the
included sections is limited by the voice ROM.
A section, when triggered by a key input, can be played
once, repeatedly or cascaded with other sections, de-
pending on the key function table instructions.
The following are examples of section division:
In addition, a section can be set as retriggerable or
non-retriggerable depending on code option.
· Retriggerable
When the currently playing section is set as
retriggerable, it will stop immediately upon receipt of
other key inputs.
· Non-retriggerable
When the currently playing section is selected as
non-retriggerable, it will go on playing until the whole
section is completed, whether or not there is a key in-
put in the process of playing.
K e y
t r i g g e r
K e y
f e a t u r e s
o p t i o n
K e y
f u n c t i o n
t a b l e
R O M
V o i c e
R O M
S e l e c t
P l a y c o n t r o l l o g i c
F l a g
o u t p u t
V D D
8 W
S P K
P W M +
P W M -
8 / 1 6 / 3 2 W
S P K
T R
H T 8 1 X X X
O S C I
R O S C
s e c . 2
s e c . N
s e c . 1
s e c . 1
s e c . 2
s e c . 3
s e c . 1
R O M
E x a m p l e 1 : O n e s e c t i o n o n l y
E x a m p l e 2 : 3 s e c t i o n d i v i s i o n
E x a m p l e 3 : N s e c t i o n d i v i s i o n
R O M
R O M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com