Electronic Components Datasheet Search
  English  ▼

X  

AD9237 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9237
Description  3 V Low Power A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9237 Datasheet(HTML) 5 Page - Analog Devices

  AD9237 Datasheet HTML 1Page - Analog Devices AD9237 Datasheet HTML 2Page - Analog Devices AD9237 Datasheet HTML 3Page - Analog Devices AD9237 Datasheet HTML 4Page - Analog Devices AD9237 Datasheet HTML 5Page - Analog Devices AD9237 Datasheet HTML 6Page - Analog Devices AD9237 Datasheet HTML 7Page - Analog Devices AD9237 Datasheet HTML 8Page - Analog Devices AD9237 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AD9237
Data Sheet
Rev. C | Page 4 of 24
DIGITAL SPECIFICATIONS
Table 2.
AD9237BCP-20
AD9237BCP-40
AD9237BCP-65
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
LOGIC INPUTS
High Level Input Voltage
2.0
2.0
2.0
V
Low Level Input Voltage
0.8
0.8
0.8
V
High Level Input Current
–10
+10
–10
+10
–10
+10
µA
Low Level Input Current
–10
+10
–10
+10
–10
+10
µA
Input Capacitance
2
2
2
pF
LOGIC OUTPUTS1
DRVDD = 3.3 V
High-Level Output Voltage (IOH = 50 µA)
3.29
3.29
3.29
V
High-Level Output Voltage (IOH = 0.5 mA)
3.25
3.25
3.25
V
Low-Level Output Voltage (IOL = 1.6 mA)
0.2
0.2
0.2
V
Low-Level Output Voltage (IOL = 50 µA)
0.05
0.05
0.05
V
DRVDD = 2.5 V
High-Level Output Voltage (IOH = 50 µA)
2.49
2.49
2.49
V
High-Level Output Voltage (IOH = 0.5 mA)
2.45
2.45
2.45
V
Low-Level Output Voltage (IOL = 1.6 mA)
0.2
0.2
0.2
V
Low-Level Output Voltage (IOL = 50 µA)
0.05
0.05
0.05
V
1
Output voltage levels measured with 5 pF load on each output.
AC SPECIFICATIONS
AVDD = 3 V, DRVDD = 2.5 V, maximum sample rate, 2 V p-p differential input, AIN = –0.5 dBFS, 1.0 V internal reference, TMIN to TMAX,
unless otherwise noted.
Table 3.
AD9237BCP-20
AD9237BCP-40
AD9237BCP-65
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fINPUT = 2.4 MHz
66.8
66.5
66.5
dBc
fINPUT = 9.7 MHz
65.6
66.6
dBc
fINPUT = 19.6 MHz
65.3
66.6
dBc
fINPUT = 34.2 MHz
64.0
66.1
dBc
fINPUT = 70 MHz
66.0
66.3
65.9
dBc
SIGNAL-TO-NOISE RATIO AND DISTORTION (SINAD)
fINPUT = 2.4 MHz
66.7
66.4
66.3
dBc
fINPUT = 9.7 MHz
65.1
66.5
dBc
fINPUT = 19.6 MHz
64.4
66.4
dBc
fINPUT = 34.2 MHz
63.5
65.8
dBc
fINPUT = 70 MHz
65.6
65.8
65.2
dBc
EFFECTIVE NUMBER OF BITS (ENOB)
fINPUT = 9.7 MHz
10.8
Bits
fINPUT = 19.6 MHz
10.7
Bits
fINPUT = 34.2 MHz
10.6
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com