Electronic Components Datasheet Search
  English  ▼

X  

AD9259-50EBZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9259-50EBZ
Description  Serial LVDS 1.8 V ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9259-50EBZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9259-50EBZ Datasheet HTML 35Page - Analog Devices AD9259-50EBZ Datasheet HTML 36Page - Analog Devices AD9259-50EBZ Datasheet HTML 37Page - Analog Devices AD9259-50EBZ Datasheet HTML 38Page - Analog Devices AD9259-50EBZ Datasheet HTML 39Page - Analog Devices AD9259-50EBZ Datasheet HTML 40Page - Analog Devices AD9259-50EBZ Datasheet HTML 41Page - Analog Devices AD9259-50EBZ Datasheet HTML 42Page - Analog Devices AD9259-50EBZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
AD9259
Data Sheet
Rev. E | Page 38 of 52
CHANNEL A
P101
AIN
AIN
VGA INPUT CONNECTION
VGA INPUT CONNECTION
VGA INPUT CONNECTION
VGA INPUT CONNECTION
1
2
3
6
5
4
T101
CM1
CM1
FB103
10Ω
FB102
10Ω
FB101
10Ω
C104
2.2pF
VIN_A
VIN_A
P102
DNP
CM1
INH1
CH_A
AVDD_DUT
CH_A
R104
0Ω
AVDD_DUT
AVDD_DUT
C106
DNP
C107
0.1µF
C103
DNP
C105
DNP
C101
0.1µF
C102
0.1µF
E101
R161
499Ω
R152
DNP
R113
DNP
R105
DNP
R110
33Ω
R107
DNP
R106
DNP
R112
1kΩ
R111
1kΩ
R108
33Ω
R101
DNP
R102
64.9Ω
R103
0Ω
R109
1kΩ
CHANNEL B
P103
AIN
1
2
3
6
5
4
T102
CM2
CM2
FB106
10Ω
FB105
10Ω
FB104
10Ω
C111
2.2pF
VIN_B
VIN_B
P104
DNP
CM2
INH2
CH_B
AVDD_DUT
CH_B
R116
0Ω
AVDD_DUT
AVDD_DUT
C113
DNP
C114
0.1µF
C110
DNP
C112
DNP
C108
0.1µF
C109
0.1µF
E102
R162
499Ω
R153
DNP
R124
DNP
R118
DNP
R122
33Ω
R120
DNP
R119
DNP
R126
1kΩ
R125
1kΩ
R121
33Ω
R114
DNP
R115
64.9Ω
R117
0Ω
R123
1kΩ
CHANNEL C
P105
AIN
1
2
3
6
5
4
T103
CM3
CM3
FB109
10Ω
FB108
10Ω
FB107
10Ω
C118
2.2pF
VIN_C
VIN_C
P106
DNP
CM3
INH3
CH_C
AVDD_DUT
CH_C
R130
0Ω
AVDD_DUT
AVDD_DUT
C120
DNP
C121
0.1µF
C117
DNP
C119
DNP
C115
0.1µF
C116
0.1µF
E103
R163
499Ω
R154
DNP
R137
DNP
R131
DNP
R136
33Ω
R133
DNP
R132
DNP
R139
1kΩ
R138
1kΩ
R134
33Ω
R127
DNP
R128
64.9Ω
R129
0Ω
R135
1kΩ
CHANNEL D
P107
AIN
1
2
3
6
5
4
T104
CM4
CM4
FB112
10Ω
FB111
10Ω
R143
0Ω
C125
2.2pF
VIN_D
VIN_D
P108
DNP
CM4
INH4
CH_D
AVDD_DUT
CH_D
FB110
10Ω
AVDD_DUT
AVDD_DUT
C127
DNP
C128
0.1µF
C124
DNP
C126
DNP
R159
DNP
C122
0.1µF
C123
0.1µF
E104
R164
499Ω
R155
DNP
R160
DNP
R151
DNP
R147
33Ω
R145
DNP
R144
DNP
R150
1kΩ
R149
1kΩ
R146
33Ω
R140
DNP
R141
64.9Ω
R142
0Ω
R148
1kΩ
R156
DNP
R157
DNP
AIN
AIN
AIN
R158
DNP
DNP: DO NOT POPULATE
Figure 62. Evaluation Board Schematic, DUT Analog Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com