Electronic Components Datasheet Search
  English  ▼

X  

AD9481-PCB Datasheet(PDF) 1 Page - Analog Devices

Part # AD9481-PCB
Description  3.3 V A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9481-PCB Datasheet(HTML) 1 Page - Analog Devices

  AD9481-PCB Datasheet HTML 1Page - Analog Devices AD9481-PCB Datasheet HTML 2Page - Analog Devices AD9481-PCB Datasheet HTML 3Page - Analog Devices AD9481-PCB Datasheet HTML 4Page - Analog Devices AD9481-PCB Datasheet HTML 5Page - Analog Devices AD9481-PCB Datasheet HTML 6Page - Analog Devices AD9481-PCB Datasheet HTML 7Page - Analog Devices AD9481-PCB Datasheet HTML 8Page - Analog Devices AD9481-PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
8-Bit, 250 MSPS
3.3 V A/D Converter
AD9481
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
DNL = ±0.35 LSB
INL = ±0.26 LSB
Single 3.3 V supply operation (3.0 V to 3.6 V)
Power dissipation of 439 mW at 250 MSPS
1 V p-p analog input range
Internal 1.0 V reference
Single-ended or differential analog inputs
De-multiplexed CMOS outputs
Power-down mode
Clock duty cycle stabilizer
APPLICATIONS
Digital oscilloscopes
Instrumentation and measurement
Communications
Point-to-point radios
Digital predistortion loops
FUNCTIONAL BLOCK DIAGRAM
D7A TO D0A
VIN+
VIN–
CLK+
CLK–
VREF SENSE
DCO+
DCO–
AGND DRGND
DRVDD
AVDD
AD9481
PDWN
S1
CLOCK
MGMT
T AND H
8-BIT
ADC
PIPELINE
CORE
LOGIC
REFERENCE
PORT
A
8
PORT
B
8
8
DS+
DS–
D7B TO D0B
Figure 1.
GENERAL DESCRIPTION
The AD9481 is an 8-bit, monolithic analog-to-digital converter
(ADC) optimized for high speed and low power consumption.
Small in size and easy to use, the product operates at a
250 MSPS conversion rate, with excellent linearity and dynamic
performance over its full operating range.
To minimize system cost and power dissipation, the AD9481
includes an internal reference and track-and-hold circuit. The
user only provides a 3.3 V power supply and a differential
encode clock. No external reference or driver components are
required for many applications.
The digital outputs are TTL/CMOS-compatible with an option
of twos complement or binary output format. The output data
bits are provided in an interleaved fashion along with output
clocks that simplifies data capture.
The AD9481 is available in a Pb-free, 44-lead, surface-mount
package (TQFP-44) specified over the industrial temperature
range (−40°C to +85°C).
PRODUCT HIGHLIGHTS
1. Superior linearity. A DNL of ±0.35 makes the AD9481
suitable for many instrumentation and measurement
applications
2. Power-down mode. A power-down function may be exercised
to bring total consumption down to 15 mW.
3. De-multiplexed CMOS outputs allow for easy interfacing
with low cost FPGAs and standard logic.


Similar Part No. - AD9481-PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9481-PCB AD-AD9481-PCB Datasheet
931Kb / 28P
8-Bit, 250 MSPS 3.3 V A/D Converter
10/04-Revision 0
AD9481-PCB AD-AD9481-PCB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Similar Description - AD9481-PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9480 AD-AD9480 Datasheet
1Mb / 28P
8-Bit, 250 MSPS 3.3 V A/D Converter
7/04-Revision 0
AD9411 AD-AD9411 Datasheet
968Kb / 28P
10-Bit, 170/200 MSPS 3.3 V A/D Converter
7/04-Data Sheet Changed from Rev. 0 to Rev. A
AD9481 AD-AD9481 Datasheet
931Kb / 28P
8-Bit, 250 MSPS 3.3 V A/D Converter
10/04-Revision 0
AD9430 AD-AD9430_10 Datasheet
1Mb / 44P
12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
logo
Texas Instruments
TLV1543C TI1-TLV1543C_14 Datasheet
1Mb / 30P
3.3-V Supply Operation 10-Bit-Resolution A/D Converter
logo
Analog Devices
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
AD9430 AD-AD9430_15 Datasheet
1Mb / 44P
12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9480 AD-AD9480_15 Datasheet
851Kb / 28P
8-Bit, 250 MSPS 3.3 V A/D Converter
REV. A
logo
Texas Instruments
TPS51317 TI-TPS51317_15 Datasheet
1Mb / 28P
3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
logo
Analog Devices
AD9480 AD-AD9480_17 Datasheet
640Kb / 29P
8-Bit, 250 MSPS 3.3 V A/D Converter
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com