Electronic Components Datasheet Search
  English  ▼

X  

HAL501K Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # HAL501K
Description  Hall Effect Sensor Family
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL501K Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button HAL501K Datasheet HTML 14Page - List of Unclassifed Manufacturers HAL501K Datasheet HTML 15Page - List of Unclassifed Manufacturers HAL501K Datasheet HTML 16Page - List of Unclassifed Manufacturers HAL501K Datasheet HTML 17Page - List of Unclassifed Manufacturers HAL501K Datasheet HTML 18Page - List of Unclassifed Manufacturers HAL501K Datasheet HTML 19Page - List of Unclassifed Manufacturers HAL501K Datasheet HTML 20Page - List of Unclassifed Manufacturers HAL501K Datasheet HTML 21Page - List of Unclassifed Manufacturers HAL501K Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
HAL503
18
Micronas
4.3. HAL 503
The HAL 503 is a latching sensor (see Fig. 4–9).
The output turns low with the magnetic south pole on the
branded side of the package and turns high with the
magnetic north pole on the branded side. The output
does not change if the magnetic field is removed. For
changing the output state, the opposite magnetic field
polarity must be applied.
For correct functioning in the application, the sensor re-
quires both magnetic polarities (north and south) on the
branded side of the package.
Magnetic Features:
– switching type: latching
– medium sensitivity
– typical BON: 7.6 mT at room temperature
– typical BOFF: –7.6 mT at room temperature
– operates with static magnetic fields and dynamic mag-
netic fields up to 10 kHz
– typical temperature coefficient of magnetic switching
points is –1000 ppm/K
Applications
The HAL 503 is the optimal sensor for applications with
alternating magnetic signals such as:
– multipole magnet applications,
– rotating speed measurement,
– commutation of brushless DC motors, and
– window lifter.
Fig. 4–9: Definition of magnetic switching points for
the HAL 503
BHYS
Output Voltage
0
BOFF
BON
VOL
VO
B
Magnetic Characteristics at TJ = –40 °C to +170 °C, VDD = 3.8 V to 24 V,
Typical Characteristics for VDD = 12 V
Magnetic flux density values of switching points.
Positive flux density values refer to the magnetic south pole at the branded side of the package.
Parameter
On point BON
Off point BOFF
Hysteresis BHYS
Magnetic Offset
Unit
TJ
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
–40
°C
6.4
8.4
10.8
–10.8
–8.6
–6.4
14.6
17
20.6
–0.1
mT
25
°C
6
7.6
10
–10
–7.6
–6
13.6
15.2
18
–1.5
0
1.5
mT
100
°C
4.8
7.1
9.5
–9.5
–6.9
–4.8
12.3
14
17
0.1
mT
140
°C
4.4
6.7
9.2
–9.2
–6.4
–4.4
11.5
13.1
16.5
0.1
mT
170
°C
4
6.4
8.9
–8.9
–6
–4
11
12.4
16
0.2
mT
The hysteresis is the difference between the switching points BHYS = BON – BOFF
The magnetic offset is the mean value of the switching points BOFFSET = (BON + BOFF) / 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com