Electronic Components Datasheet Search
  English  ▼

X  

ECB01913 Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # ECB01913
Description  QC 2.0 compliant Portable Power Bank Single Chip IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECB01913 Datasheet(HTML) 5 Page - E-CMOS Corporation

  ECB01913 Datasheet HTML 1Page - E-CMOS Corporation ECB01913 Datasheet HTML 2Page - E-CMOS Corporation ECB01913 Datasheet HTML 3Page - E-CMOS Corporation ECB01913 Datasheet HTML 4Page - E-CMOS Corporation ECB01913 Datasheet HTML 5Page - E-CMOS Corporation ECB01913 Datasheet HTML 6Page - E-CMOS Corporation ECB01913 Datasheet HTML 7Page - E-CMOS Corporation ECB01913 Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5L09N-Rev.F002
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 8
ECB01913
QC 2.0 compliant Portable Power Bank Single Chip IC
DC Parameter
(Unless specified, all parameters measured under room Temp. and set GND potential as 0 potential )
Symbol
Characteristics
Test Condition
Unit
Min
Typ
Max
Systematic Parameter
VIN
Input Voltage Range
V
4.5
5
5.5
Vbat
Battery Voltage
V
2.8
4.35
Isleep
Sleep Mode Current
BTP=3.2- 4.2V
uA
50
Charge Parameter
VIN Drop out
Monitor
VIN (Low to High)
VIN>BAT
mV
100
VIN( High to Low)
VIN>BAT
mV
30
Vfloat
Floating Gate voltage
V
4.18
4.22
4.26
Ibat
BAT reverse current
uA
±0.5
±5
VTRKL
Trickling turns to CCM Volt
VBAT low to high
V
2.8
VTRHYS
Trickling charge hysteresis Volt.
mV
100
VUV
Vcc under voltage lock- out
Vcc low to high
V
3.7
VUVHYS
Vcc under voltage lock- out hysteresis
mV
200
VRECHG
Recharge Voltage threshold
V
4.1
Vprog1
PROG Volt. when Trickling
V
0.1
Vprog2
PROG Volt. when large Current
V
1
FLED
LED Flicker Freq. when Charge
Hz
1
VOVPC
OVP when Charge
V
6.0
6.2
6.4
Symbol
Characteristics
Test Condition
Unit
Min
Typ
Max
Discharge Parameter
VEN
Enable On Volt.
V
0
1.5
FB
Ref. Volt. of Boost system
mV
582
600
618
INOLOADOFF
Zero load detect current threshold
mA
25
50
75
TNOLOADOFF
Off Delay time for boost when zero
load
S
12
16
20
Fsw
Switching Freq.
KHZ
520
650
780
Dmax
Max. duty Cycle
%
78
90
95
TN_DRIVE
N GATE driving time (load=1nF)
Rise Time
nS
10
Fall Time
nS
8.5
Vocp
Peak Current threshold Volt.
BTP=3.6V
mV
115
120
125
Constant Power Output current bias
BTP=3.2-4.2V
%
-10
0
10
Tss
Soft star time
mS
2
OVP
OVP starts threshold Volt.
mV
660
680
700
OVP_HYS
OVP threshold Hysteresis Volt
mV
615
635
654
Td_OVP
OVP turn off delay
uS
30
VSD1
Boost shut down Voltage when low
power capacity
VBAT high to low
V
2.8
VUVLO_R
UVLO Recovery Volt.
VBATlow to high
V
3.00
Iauto_off
Loading current of Auto- off
BAT=2.8-4.2V
L=2.2uH
mA
25
50
75
OTP
Over Temp. Protection
degC
150
OTP_HYS
OTP Hysteresis
degC
30



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com