Electronic Components Datasheet Search
  English  ▼

X  

IR2132 Datasheet(PDF) 16 Page - International Rectifier

Part # IR2132
Description  3-PHASE BRIDGE DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2132 Datasheet(HTML) 16 Page - International Rectifier

Back Button IR2132 Datasheet HTML 12Page - International Rectifier IR2132 Datasheet HTML 13Page - International Rectifier IR2132 Datasheet HTML 14Page - International Rectifier IR2132 Datasheet HTML 15Page - International Rectifier IR2132 Datasheet HTML 16Page - International Rectifier IR2132 Datasheet HTML 17Page - International Rectifier IR2132 Datasheet HTML 18Page - International Rectifier IR2132 Datasheet HTML 19Page - International Rectifier IR2132 Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
IR2130/IR2132(J)(S) & (PbF)
16
www.irf.com
Figure 30A. Logic “0” Input Current vs. Temperature
Figure 30B. Logic “0” Input Current vs. Voltage
Figure 32A. “Low” ITRIP Current vs. Temperature
Figure 32B. “Low” ITRIP Current vs. Voltage
0.00
0.25
0.50
0.75
1.00
1.25
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Max.
0.00
0.25
0.50
0.75
1.00
1.25
10
12
14
16
18
20
VCC Supply Voltage (V)
Max.
Typ.
0
50
100
150
200
250
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
0
100
200
300
400
500
10
12
14
16
18
20
VCC Supply Voltage (V)
Max.
Figure 31A. “High” ITRIP Current vs. Temperature
Figure 31B. “High” ITRIP Current vs. Voltage
0
100
200
300
400
500
10
12
14
16
18
20
VCC Supply Voltage (V)
Max.
Typ.
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com