Electronic Components Datasheet Search
  English  ▼

X  

IR2132J Datasheet(PDF) 18 Page - International Rectifier

Part # IR2132J
Description  3-PHASE BRIDGE DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2132J Datasheet(HTML) 18 Page - International Rectifier

Back Button IR2132J Datasheet HTML 14Page - International Rectifier IR2132J Datasheet HTML 15Page - International Rectifier IR2132J Datasheet HTML 16Page - International Rectifier IR2132J Datasheet HTML 17Page - International Rectifier IR2132J Datasheet HTML 18Page - International Rectifier IR2132J Datasheet HTML 19Page - International Rectifier IR2132J Datasheet HTML 20Page - International Rectifier IR2132J Datasheet HTML 21Page - International Rectifier IR2132J Datasheet HTML 22Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
IR2130/IR2132(J)(S) & (PbF)
18
www.irf.com
Figure 40A. Amplifier Input Offset vs. Temperature
Figure 40B. Amplifier Input Offset vs. Voltage
0
10
20
30
40
50
10
12
14
16
18
20
VCC Supply Voltage (V)
Max.
0
10
20
30
40
50
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Figure 39A. Output Sink Current vs. Temperature
Figure 39B. Output Sink Current vs. Voltage
0
150
300
450
600
750
-50
-25
0
25
50
75
100
125
Temperature (°C)
Min.
Typ.
0
125
250
375
500
625
750
10
12
14
16
18
20
VBIAS Supply Voltage (V)
Min.
Typ.
Figure 38A. Output Source Current vs. Temperature
Figure 38B. Output Source Current vs. Voltage
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (°C)
Min.
Typ.
0
100
200
300
400
500
10
12
14
16
18
20
VBIAS Supply Voltage (V)
Min.
Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com