Electronic Components Datasheet Search
  English  ▼

X  

AH20AP Datasheet(PDF) 1 Page - A1 PROs co., Ltd.

Part # AH20AP
Description  2.1Mega pixel Camera
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AH20AP Datasheet(HTML) 1 Page - A1 PROs co., Ltd.

  AH20AP Datasheet HTML 1Page - A1 PROs co., Ltd. AH20AP Datasheet HTML 2Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.1Mega pixel Camera
A1 PROs
1
A1 PROs
Specifications
AH20AP
AH20AP
AH20AP
Image Device
1/3“ 2.1 Mega Pixel PANASONIC CMOS
Scanning system
Progressive
Resolution
ANALOG HD : 1080P 30FPS , 720P
ANALOG CVBS :1280H NTSC / PAL
Total Pixels
1956(H) X 1266(V) = 2,476,296(pixel)
Effective Pixels
1944(H) X 1092(V) = 2,122,848(pixel)
Features
n 1/3“ PANASONIC CMOS Sensor
n HD Resolution : 1080P AHD
n D-WDR (Digital WDR)
n DNR ( Digital Noise Reduction: 2D + 3D)
n Privacy Mask Function
n Motion Detection
n Defog:
n Dimension : 32mm x 32mm
Effective Pixels
1944(H) X 1092(V) = 2,122,848(pixel)
Shutter Speed
Auto / Manual (1/25(1/30) ~ 1/50,000)
Min. illumination
Color : 1.0 Lux / BW : 0.5 Lux
Color DSS: 0.002 Lux / BW DSS : 0.001 Lux
S/N Ratio
More Than 50dB (AGC off)
Lens
DC / Manual
AGC
Off / 0 ~ 15
SENS UP
Off/ / x2 ~ x30
DAY & NIGHT
Auto / COLOR / B&W / EXTERN
WHITE BALANCE
ATW / AWC / INDOOR / OUTDOOR / Manual /AWB
Backlight
Off/ BLC / HSBLC
MIRROR
Off / H / V / H&V / ROTATE
D-WDR
Off / ON / AUTO
DNR
Off / LOW / Middle / High
PRIVACY
4 Masks
MOTION
Off / On
DEFOG
Off / Auto
Dimensions
1
DEFOG
Off / Auto
Operating Temp./Hum
-10℃ ~ +50℃ / Max 90%RH
Storage Temp./Hum
-20℃ ~ + 60℃ / Max 90%RH
Language
English/ Chinese/ Germany/ French/ Italian/ Spanish/
Polish/ Russain/ Portuguese/ Netherlands/ Turkish /
JAPAN / KOR / HEB / ARB
Power Input
DC 12V
Video Output
AHD, TVI, CVI, CVBS
Size
32 x 32mm


Similar Part No. - AH20AP

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AH20 XPPOWER-AH20 Datasheet
1Mb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Rohm
AH2001-DK50A ROHM-AH2001-DK50A Datasheet
556Kb / 6P
For Packaging High-speed Printers AH Series
AH2002-DC50A ROHM-AH2002-DC50A Datasheet
561Kb / 6P
For Packaging High-speed Printers A H Series
AH2004-DC50A ROHM-AH2004-DC50A Datasheet
562Kb / 6P
For Packaging High-speed Printers AH Series
logo
List of Unclassifed Man...
AH201 ETC-AH201 Datasheet
220Kb / 4P
Medium Power, High Linearity Amplifier
More results

Similar Description - AH20AP

ManufacturerPart #DatasheetDescription
logo
Micronas
VPX322XE MICRONAS-VPX322XE Datasheet
567Kb / 92P
Video Pixel Decoders
logo
List of Unclassifed Man...
ICX454 ETC-ICX454 Datasheet
31Kb / 2P
Progressive Scan 2.04M-Pixel Diagonal 6.72 mm (Type 1/2.7) Digital Still Camera CCD
logo
National Semiconductor ...
LM2501 NSC-LM2501 Datasheet
302Kb / 14P
Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
logo
Sony Corporation
MCB770 SONY-MCB770 Datasheet
121Kb / 2P
2M-Pixel CMOS Camera Module with Autofocus Function for Mobile Equipment
logo
A1 PROs co., Ltd.
AH13A A1PROS-AH13A Datasheet
166Kb / 2P
1.3Mega pixel Camera
AH21AZ A1PROS-AH21AZ Datasheet
126Kb / 2P
2.1Mega pixel AHD Camera
AH232Z A1PROS-AH232Z Datasheet
164Kb / 2P
2.1Mega pixel HD SDI Camera
AH242T A1PROS-AH242T Datasheet
225Kb / 2P
2.1Mega pixel TVI Camera
AH247VP A1PROS-AH247VP Datasheet
174Kb / 2P
2.1Mega pixel HD-SDI Camera
logo
Advantech Co., Ltd.
QCAM-GM0640-090CE ADVANTECH-QCAM-GM0640-090CE Datasheet
255Kb / 1P
0.3-20 Mega Pixel, GigE and USB 3.0 Industrial Camera
26-May-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com