Electronic Components Datasheet Search
  English  ▼

X  

AH233TS Datasheet(PDF) 1 Page - A1 PROs co., Ltd.

Part # AH233TS
Description  WDR Wide Dynamic Range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AH233TS Datasheet(HTML) 1 Page - A1 PROs co., Ltd.

  AH233TS Datasheet HTML 1Page - A1 PROs co., Ltd. AH233TS Datasheet HTML 2Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.1Mega pixel Camera
A1 PROs
1
A1 PROs
Specifications
AH233TS
AH233TS
AH233TS
Image Device
1/3“ 2.1Mega pixel SONY CMOS (Progressive)
Resolution
Digital : 1920 X 1080p , 1280 X 720p
Analog : 700TVL
Total Pixels
2010(H) X 1108(V) = 2,227,080(pixel)
Effective Pixels
1944(H) X 1092(V) = 2,122,848(pixel)
Shutter Speed
Auto / Manual ( 1/30(1/25) ~ 1/60000 ) / FLICKER
Min. illumination
Color : 1.0 Lux / BW : 0.5 Lux
Color DSS: 0.002 Lux / BW DSS : 0.001 Lux
S/N Ratio
More Than 50dB (AGC off)
HDTVI - ISP
EN-771T
Fix Lens
Normal / Deblur
DC IRIS
Indoor / Outdoor / Deblur
SENSE UP
x2 / x4 / x8 / x16 / x32
Features
1
Dimensions
32mm
SENSE UP
x2 / x4 / x8 / x16 / x32
DAY & NIGHT
Auto / Day / Night / Ext / Color
SMART IR
Off / On
WHITE BALANCE
Auto / Auto Ext / Preset / Manual
MIRROR
Off / H / V / H&V
E.ZOOM
x1 ~ x8
DNR
Off / Low / Middle / High
PRIVACY
Off / On (16 points)
MOTION
Off / On (16 points)
SHADING
0 ~ 100%
DEFOG
Off / On
WDR / BLC / HLC
Off / WDR(Low / Middle / High) / BLC / HLC
COMMUNICATION
ID(1 ~ 255)
BAUDRATE (2400/ 4800/ 9600/ 19200/ 38400/ 57600/ 115200)
SYSTEM
NTSC / PAL
HD-TVI
1080P / 720P ( 25 / 30fps )
Operating Temp./Hum
-10℃ ~ +50℃ / Max 90%RH
Storage Temp./Hum
-20℃ ~ + 60℃ / Max 90%RH
Video Output
Analog : NTSC / PAL(without WDR) , TVI,AHD,CVI,CVBS,EX-SDI
Power Input
DC7.5V ~ 12V
Power Consumption
Max 200mA
Size
32 x 32mm
Features
n 1/3“ SONY CMOS Sensor
n EX-SDI 1.0 / 2.0
n HD-TVI Resolution : 1080p 30fps
n WDR (Wide Dynamic Range)
n DNR ( Digital Noise Reduction: 2D + 3D)
n Privacy Mask Function
n Intelligent Motion Detection
n Defog : Defogging foggy video image
n RS-485 OPTION
n CVBS
n Dimension : 32mm x 32mm


Similar Part No. - AH233TS

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
AH232Z A1PROS-AH232Z Datasheet
164Kb / 2P
2.1Mega pixel HD SDI Camera
AH237VP A1PROS-AH237VP Datasheet
200Kb / 2P
Unapplied RS 485 Applications
More results

Similar Description - AH233TS

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
F6584 HAMAMATSU-F6584 Datasheet
24Kb / 2P
WIDE DYNAMIC RANGE MICROCHANNEL PLATES
logo
Mitel Networks Corporat...
MT3170B MITEL-MT3170B Datasheet
91Kb / 8P
Wide Dynamic Range DTMF Receiver
logo
Zarlink Semiconductor I...
SL2610 ZARLINK-SL2610 Datasheet
593Kb / 27P
Wide Dynamic Range Image Reject MOPLL
MT3171B ZARLINK-MT3171B Datasheet
485Kb / 15P
Wide Dynamic Range DTMF Receiver
ZL49010 ZARLINK-ZL49010 Datasheet
353Kb / 14P
Wide Dynamic Range DTMF Receiver
ZL49010 ZARLINK-ZL49010_07 Datasheet
423Kb / 15P
Wide Dynamic Range DTMF Receiver
logo
Analog Devices
ADL5201 AD-ADL5201 Datasheet
1,001Kb / 28P
Wide Dynamic Range, High Speed
REV. 0
ADL5202 AD-ADL5202 Datasheet
1Mb / 32P
Wide Dynamic Range, High Speed
REV. 0
logo
Linear Technology
LT5537 LINER-LT5537_15 Datasheet
313Kb / 16P
Wide Dynamic Range RF/IF Log Detector
logo
Analog Devices
ADIS16470 AD-ADIS16470 Datasheet
1Mb / 36P
Wide Dynamic Range, Miniature MEMs IMU
4/2019-Rev. B to Rev. C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com