Electronic Components Datasheet Search
  English  ▼

X  

AH237VP Datasheet(PDF) 1 Page - A1 PROs co., Ltd.

Part # AH237VP
Description  Unapplied RS 485 Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AH237VP Datasheet(HTML) 1 Page - A1 PROs co., Ltd.

  AH237VP Datasheet HTML 1Page - A1 PROs co., Ltd. AH237VP Datasheet HTML 2Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.1Mega pixel HD-SDI Camera
A1 PROs
1
A1 PROs
Specifications
AH237VP(EX-SDI)
AH237VP(EX-SDI)
AH237VP(EX-SDI)
Image Device
1/3 Panasonic CMOS (MN34227PL 30fps)
Resolution
Digital : 1920 X 1080p , 1280 X 720p
Analog : 700TVL
Total Pixels
1956(H) X 1266(V) = 2,476,296(pixel)
Effective Pixels
1944(H) X 1092(V) = 2,122,848(pixel)
Shutter Speed
Auto / Manual ( 1/30(1/25) ~ 1/60000 ) / FLICKER
Features
n 1/3 Panasonic CMOS Sensor
n HD Resolution : 1080p 30fps
n WDR (Wide Dynamic Range)
n DNR ( Digital Noise Reduction: 2D + 3D)
n Privacy Mask Function
n Intelligent Motion Detection
n P-IRIS Option
n CVBS
n EX-SDI
n Defog : Defogging foggy video image
n Unapplied RS-485 Applications
n Dimension : 32mm x 32mm
Shutter Speed
Auto / Manual ( 1/30(1/25) ~ 1/60000 ) / FLICKER
Min. illumination
Color : 1.0 Lux / BW : 0.5 Lux
Color DSS: 0.002 Lux / BW DSS : 0.001 Lux
S/N Ratio
More Than 50dB (AGC off)
Fix Lens
Normal / Deblur
DC IRIS
Indoor / Outdoor / Deblur
SENSE UP
x2 / x4 / x8 / x16 / x32
DAY & NIGHT
Auto / COLOR / B&W / Ext
SMART IR
Off / On
WHITE BALANCE
Auto / Auto Ext / Preset / Manual
MIRROR
Off / H / V / H&V
E.ZOOM
x1 ~ x8
DNR
OFF / LOW / MIDDLE / HIGH
PRIVACY
Off / On (16 points)
MOTION
Off / On (16 points)
SHADING
0 ~ 100%
DEFOG
Off / On
1
Dimensions
WDR / BLC / HLC
Off / WDR(Low / Middle / High) / BLC / HLC
SYSTEM
NTSC / PAL
HD FORMAT
1080p / 720p
Operating Temp./Hum
-10℃ ~ +50℃ / Max 90%RH
Storage Temp./Hum
-20℃ ~ + 60℃ / Max 90%RH
Power Input
DC7.5V ~ 12V
Power Consumption
200mA
Size
32 x 32mm


Similar Part No. - AH237VP

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
AH232Z A1PROS-AH232Z Datasheet
164Kb / 2P
2.1Mega pixel HD SDI Camera
AH233TS A1PROS-AH233TS Datasheet
169Kb / 2P
WDR Wide Dynamic Range
More results

Similar Description - AH237VP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
RS-485 TRANSCEIVER
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
RS-485/RS-422 Transceivers
June 10, 2008
ISL3282EMRTEP INTERSIL-ISL3282EMRTEP Datasheet
624Kb / 8P
RS-485/RS-422 Receiver
February 15, 2011
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
RS-485 Transceivers
logo
Exar Corporation
DAN-190 EXAR-DAN-190 Datasheet
152Kb / 6P
EXAR UARTS IN RS-485 APPLICATIONS
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
logo
A1 PROs co., Ltd.
AH249VP A1PROS-AH249VP Datasheet
174Kb / 2P
RS 485 OPTION
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
RS-485/RS-422 Transceivers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com