Electronic Components Datasheet Search
  English  ▼

X  

AH291 Datasheet(PDF) 2 Page - A1 PROs co., Ltd.

Part # AH291
Description  Privacy Mask Function
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AH291 Datasheet(HTML) 2 Page - A1 PROs co., Ltd.

  AH291 Datasheet HTML 1Page - A1 PROs co., Ltd. AH291 Datasheet HTML 2Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Connector Pin map
A1 PROs
1
A1 PROs
AH291
②
③
Connector Pin number
Pin name
Description
①
1
GND
Board Ground
2
12V
DC 12V input
3
VBS
Composite Video Output
4
GND
Board Ground
5
E-V
Extra Composite Video Output
6
AD/KEY
AD/KEY
7
MD
Motion Detection
②
1
TDN MA +
DRIVE1
①
④
2
Address
Rm.915, Keumkang Hightech Valley, 177, Sagimakgol-ro Jungwon-ku, Seongnam-si, Gyeonggi-do, Korea
②
1
TDN MA +
DRIVE1
2
TDN MA -
DRIVE2
③
1
DMP+
DAMP+
2
DMP-
DAMP-
3
DRV+
DRIVE+
4
GND
Board Ground
④
1
12V
DC 12V Output
2
GND
Board Ground
3
IR
Day & Night Input (HIGH/LOW)
4
CDS
ADC Input



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com