Electronic Components Datasheet Search
  English  ▼

X  

AH326 Datasheet(PDF) 1 Page - A1 PROs co., Ltd.

Part # AH326
Description  UCC Support OPTION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AH326 Datasheet(HTML) 1 Page - A1 PROs co., Ltd.

  AH326 Datasheet HTML 1Page - A1 PROs co., Ltd. AH326 Datasheet HTML 2Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4Mega Camera Module
1
A1 PROs
1
A1 PROs
Specifications
AH326
Dimensions
AH326
AH326
42mm
EX-SDI 1.0 / 2.0 / 2.1
EX-SDI
EN-779 : 15fps , TP2912 : 30fps
HDTVI - ISP
2560 X 1440P 15fps, 2560 X 1440P 30fps (TP2912 OPTION)
1920 X 1080P, 1280 X 720P 30fps
HD-TVI
Image Device
1/2.9“ 6 Mega pixel SONY CMOS
HD Resolution
Digital : 2560 X 1440P 30fps (EX-SDI Only)
1920 X 1080p , 1280 X 720p 30fps (EX-SDI & HD-SDI)
Analog : 700TVL
Total Pixels
3096(H) X 2218(V) = 6,866,928(pixel)
Effective Pixels
3096(H) X 2202(V) = 6,817,392(pixel)
Shutter Speed
Auto / Manual ( 1/30(1/25) ~ 1/30000 ) / FLICKER
S/N Ratio
More Than 50dB (AGC off)
Fix Lens
Normal / Deblur
DC IRIS
Indoor / Outdoor / Deblur
SENSE UP
x2 / x4 / x8 / x16 / x32
DAY & NIGHT
Auto / Day / Night / Ext /
SMART IR
Off / On
WHITE BALANCE
Auto / Auto Ext / Preset / Manual
MIRROR
Off / H / V / H&V
DNR
Off / Low / Middle / High
PRIVACY
Off / On
MOTION
Off / On
DEFOG
Off / On
WDR / BLC / HLC
Off / WDR(Low / Middle / High) / BLC / HLC
COMMUNICATION
ID(1 ~ 255)
BAUDRATE (2400/ 4800/ 9600/ 19200/ 38400/ 57600/ 115200)
SYSTEM
NTSC / PAL
Operating Temp./Hum
-10℃ ~ +50℃ / Max 90%RH
Storage Temp./Hum
-20℃ ~ + 60℃ / Max 90%RH
Power Input
DC 12V
Power Consumption
Max 300mA
Size
42 x 42mm
Features
 1/2.9“ SONY CMOS Sensor
 HD-TVI Resolution : 1440P 30fps (EX-SDI)
1080P 30fps (HD-SDI)
 HD-TVI Resolution : 1440P 15fps
-TP2912 OPTION : 1440P 30fps
 EX-SDI Support 1.0 / 2.0 / 2.1
 UCC Support (OPTION)
 WDR (Wide Dynamic Range)
 DNR ( Digital Noise Reduction: 2D + 3D)
 Privacy Mask Function
 Intelligent Motion Detection
 Defog : Defogging foggy video image
 Dimension : 42mm x 42mm


Similar Part No. - AH326

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
AH321 APACER-AH321 Datasheet
1Mb / 4P
USB drive
logo
TriQuint Semiconductor
AH322 TRIQUINT-AH322 Datasheet
447Kb / 8P
2W High Linearity InGaP HBT Amplifier
logo
Apacer Technology Inc.
AH322 APACER-AH322 Datasheet
1Mb / 4P
Apacer USB drive
logo
TriQuint Semiconductor
AH322-S8G TRIQUINT-AH322-S8G Datasheet
447Kb / 8P
2W High Linearity InGaP HBT Amplifier
AH322-S8PCB1960 TRIQUINT-AH322-S8PCB1960 Datasheet
447Kb / 8P
2W High Linearity InGaP HBT Amplifier
More results

Similar Description - AH326

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCD41E1H ETC1-TCD41E1H Datasheet
193Kb / 6P
The TCD series are radial lead ceramic capacitors from UCC/NCC.
logo
Molex Electronics Ltd.
69008-1084 MOLEX11-69008-1084 Datasheet
36Kb / 1P
Support Plate
0638138000 MOLEX11-0638138000 Datasheet
28Kb / 1P
Extractor Tool for Sealed UCC and SCC Female Housing
0690081084 MOLEX11-0690081084 Datasheet
36Kb / 1P
Support Plate
logo
AAEON Technology
BIO-ST01-L1U2 AAEON-BIO-ST01-L1U2 Datasheet
203Kb / 1P
support pico-bt01 bio daughter board option
BIO-ST02-C4M1 AAEON-BIO-ST02-C4M1 Datasheet
188Kb / 1P
support pico-bt01 bio daughter board option
IMBM-Q170A AAEON-IMBM-Q170A Datasheet
375Kb / 2P
tpm support
logo
Wurth Elektronik GmbH &...
709656000 WURTH-709656000 Datasheet
104Kb / 1P
SPACER SUPPORT
709670100 WURTH-709670100 Datasheet
114Kb / 1P
SPACER SUPPORT
logo
Molex Electronics Ltd.
0638138000 MOLEX-0638138000 Datasheet
28Kb / 1P
Extractor Tool for Sealed UCC and SCC Female Housing
11/02/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com