Electronic Components Datasheet Search
  English  ▼

X  

IS206X Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IS206X
Description  NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IS206X Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IS206X Datasheet HTML 1Page - List of Unclassifed Manufacturers IS206X Datasheet HTML 2Page - List of Unclassifed Manufacturers IS206X Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISOCOM COMPONENTS LTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, Cleveland, TS25 1YD
Tel: (01429) 863609 Fax :(01429) 863581
7/12/00
DB92011m-AAS/A1
OPTION G
7.62
APPROVALS
l
UL recognised, File No. E91231
'X' SPECIFICATION APPROVALS
l
l
VDE 0884 in 3 available lead forms : -
- STD
- G form
- SMD approved to CECC 00802
l
Certified to EN60950 by the following
Test Bodies :-
Nemko - Certificate No. P96101299
Fimko - Registration No. 190469-01..22
Semko - Reference No. 9620076 01
Demko - Reference No. 305567
DESCRIPTION
The IS205, IS206 series of optically coupled
isolators consist of an infrared light emitting
diode and a NPN silicon photo transistor in a
standard 6 pin dual in line plastic package with
the base pin unconnected.
FEATURES
l
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
l
High Current Transfer Ratio (50% min)
l
High Isolation Voltage (5.3kV
RMS ,7.5kVPK )
l
Base pin unconnected for improved noise
immunity in high EMI environment
APPLICATIONS
l
DC motor controllers
l
Industrial systems controllers
l
Signal transmission between systems of
different potentials and impedances
0.26
0.5
1
3
4
6
Dimensions in mm
SURFACE MOUNT
OPTION SM
10.16
7.0
6.0
1.2
7.62
3.0
13°
Max
3.35
4.0
3.0
2.54
0.26
7.62
6.62
2
5
ABSOLUTE MAXIMUM RATINGS
(25°C unless otherwise specified)
Storage Temperature
-55°C to + 150°C
Operating Temperature
-55°C to + 100°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs) 260°C
INPUT DIODE
Forward Current
60mA
Reverse Voltage
6V
Power Dissipation
105mW
OUTPUT TRANSISTOR
Collector-emitter Voltage BV
CEO
30V
Emitter-collector Voltage BV
ECO
6V
Power Dissipation
160mW
POWER DISSIPATION
Total Power Dissipation
200mW
(derate linearly 2.67mW/°C above 25°C)
NON-BASE LEAD
OPTICALLY COUPLED ISOLATOR
PHOTOTRANSISTOR OUTPUT
IS205X, IS206X
IS205, IS206
0.5
ISOCOM INC
1024 S. Greenville Ave, Suite 240,
Allen, TX 75002 USA
Tel:(214)495-0755 Fax:(214)495-0901
e-mail info@isocom.com
http://www.isocom.com
10.46
9.86
0.6
0.1
1.25
0.75


Similar Part No. - IS206X

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS206X ISOCOM-IS206X Datasheet
72Kb / 3P
NON-BASE LEAD OPTICALLY COUPLED ISOLATOR
More results

Similar Description - IS206X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNX62A ETC-CNX62A Datasheet
45Kb / 3P
NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
ICPL4502 ETC-ICPL4502 Datasheet
64Kb / 4P
HIGH SPEED, NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
ISPD60 ETC1-ISPD60 Datasheet
51Kb / 3P
NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
logo
ISOCOM COMPONENTS
CNY17F-1X ISOCOM-CNY17F-1X Datasheet
68Kb / 3P
NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MOC8101X ISOCOM-MOC8101X Datasheet
82Kb / 3P
NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MOC8111X ISOCOM-MOC8111X Datasheet
90Kb / 3P
NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MOC8020 ISOCOM-MOC8020 Datasheet
395Kb / 4P
NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
CNX82A ISOCOM-CNX82A Datasheet
216Kb / 3P
NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MOC8106X ISOCOM-MOC8106X Datasheet
71Kb / 3P
NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MOC8101 ISOCOM-MOC8101_08 Datasheet
74Kb / 3P
NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com