Electronic Components Datasheet Search
  English  ▼

X  

AT91M40807 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT91M40807
Description  AT91 ARM Thumb Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91M40807 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT91M40807 Datasheet HTML 12Page - ATMEL Corporation AT91M40807 Datasheet HTML 13Page - ATMEL Corporation AT91M40807 Datasheet HTML 14Page - ATMEL Corporation AT91M40807 Datasheet HTML 15Page - ATMEL Corporation AT91M40807 Datasheet HTML 16Page - ATMEL Corporation AT91M40807 Datasheet HTML 17Page - ATMEL Corporation AT91M40807 Datasheet HTML 18Page - ATMEL Corporation AT91M40807 Datasheet HTML 19Page - ATMEL Corporation AT91M40807 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 153 page
background image
16
AT91X40 Series
1354D–ATARM–05/02
Figure 4. AT91R40807/M40807 Before and After the Remap Command
Address
Function
Size
Abort Control
0xFFFFFFFF
0xFFC00000
0xFFBFFFFF
0x00400000
0x003FFFFF
0x00300000
0x002FFFFF
0x00200000
0x001FFFFF
0x00100000
0x000FFFFF
0x00000000
On-chip
Peripherals
External
Devices
(Up to 8)
Reserved
Reserved
On-chip
Device
On-chip
ROM
or
Secondary
RAM Bank
On-chip
Primary
RAM Bank
4M Bytes
Up to 8 Devices
Programmable
Page Size
1, 4, 16, 64M Bytes
1M Byte
1M Byte
1M Byte
No
Yes
No
Yes
(AT91R40807,
If Write-protect
Feature
is Enabled)
No
1M Byte
No
Address
Function
Size
Abort Control
0xFFFFFFFF
0xFFC00000
0xFFBFFFFF
0x00400000
0x003FFFFF
0x00300000
0x002FFFFF
0x00200000
0x001FFFFF
0x00100000
0x000FFFFF
0x00000000
On-chip
Peripherals
Reserved
On-chip
Primary
RAM Bank
Reserved
On-chip
Device
On-chip
ROM
or
Secondary
RAM Bank
External Device
Selected by NCS0
or
On-chip ROM
or
Secondary
RAM Bank
4M Bytes
1M Byte
1M Byte
1M Byte
1M Byte
No
No
No
Yes
(AT91R40807,
If Write-protect
Feature is Enabled)
No
Yes
After
Before



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com