Electronic Components Datasheet Search
  English  ▼

X  

FPS60 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # FPS60
Description  RF Power Plate Capacitors with Flat Rim, Class 1 Ceramic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FPS60 Datasheet(HTML) 2 Page - Vishay Siliconix

  FPS60 Datasheet HTML 1Page - Vishay Siliconix FPS60 Datasheet HTML 2Page - Vishay Siliconix FPS60 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FPS 60, FPS 80, FPS 110
www.vishay.com
Vishay Draloric
Revision: 14-Sep-15
2
Document Number: 22099
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) The surface temperature during operation must not exceed +100 °C
Note
• Dimensions W2 will vary depending upon capacitance value
SAP PART NUMBER, ELECTRICAL AND DIMENSIONAL DATA
PART NUMBER
CERAMIC
CAP.
VALUE
(pF)
RATED
VOLTAGE
(kVp)
RATED
POWER
(kvar) (1)
RATED
CURRENT
(ARMS)
DIA.
DMAX.
mm (inches)
WIDTH
W1
mm (inches)
WIDTH
W2
mm (inches)
TYPE FPS 60
FPS060WF10136BH1
R42
100
12
10
13
62
(2.44)
29 ± 1
(1.14 ± 0.04)
20 ± 1
(0.79 ± 0.04)
FPS060WF20136BJ1
R85
200
30 ± 1
(1.18 ± 0.04)
21 ± 1
(0.83 ± 0.04)
FPS060WF25136BJ1
250
29 ± 1
(1.14 ± 0.04)
20 ± 1
(0.79 ± 0.04)
FPS060WF30136BJ1
300
27 ± 1
(1.06 ± 0.04)
18 ± 1
(0.71 ± 0.04)
FPS060BH50136BJ1
500
10
25 ± 1
(0.98 ± 0.04)
16 ± 1
(0.63 ± 0.04)
TYPE FPS 80
FPS080VY50136BJ1
R85
500
7.0
15
13
86
(3.39)
29 ± 3
(1.14 ± 0.12)
15 ± 3
(0.59 ± 0.12)
FPS080VT10236BJ1
1000
3.5
15
16
27 ± 3
(1.06 ± 0.12)
11 ± 3
(0.43 ± 0.12)
TYPE FPS 110
FPS110BF10236BJ1
R85
1000
6
30
13
116
(4.57)
30 ± 3
(1.18 ± 0.12)
16 ± 3
(0.63 ± 0.12)
DIMENSIONS in millimeters (inches)
RELATED DOCUMENTS
General Information
www.vishay.com/doc?22071
W
1
W
2
M6 Threads
D



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com