Electronic Components Datasheet Search
  English  ▼

X  

FPZ140 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FPZ140
Description  RF Power Plate Capacitors for Higher Voltages Class 1 Ceramic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FPZ140 Datasheet(HTML) 1 Page - Vishay Siliconix

  FPZ140 Datasheet HTML 1Page - Vishay Siliconix FPZ140 Datasheet HTML 2Page - Vishay Siliconix FPZ140 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FPZ 140, PEZ 140
www.vishay.com
Vishay Draloric
Revision: 01-Mar-13
1
Document Number: 22139
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RF Power Plate Capacitors for Higher Voltages Class 1 Ceramic
MATERIAL
Capacitor elements made from Class 1 ceramic dielectric
with noble metal electrodes.
Flexible connection terminals made from copper/brass,
silver plated, to allow for series and parallel interconnection
FINISH
Capacitor body completely protective laquered (FPZ)
The contoured insulating rim is additionally glazed (PEZ)
MARKING
Type designator, capacitance value and tolerance, rated RF
voltage, ceramic material code, production date code,
manufacturer logo
ACCESSORIES ADDED
Two srews and washers
FEATURES
• Low losses
• High reliability
• High voltage ratings
APPLICATIONS
• Industrial high frequency appliances
• Medical RF equipment
• Filter, bypass and coupling circuits
CAPACITANCE RANGE
50 pF to 2.5 nF
CAPACITANCE TOLERANCE
± 10 %
CERAMIC DIELECTRICS
• R16 (TCC + 100 ppm/K)
• R42 (TCC - 250 ppm/K)
• R85 (TCC - 750 ppm/K)
RATED VOLTAGE
•15 kVpp (peak-to-peak voltage)
•25 kVpp (peak-to-peak voltage)
•27 kVpp (peak-to-peak voltage)
•30 kVpp (peak-to-peak voltage)
DIELECTRIC STRENGTH TEST
200 % of rated AC voltage 50 Hz
DISSIPATION FACTOR
R16:
Max. 0.04 %
R42, R85:
Max. 0.05 %
Measuring frequencies:
1 MHz (C < 1 nF); 300 kHz or 100 kHz (
 1 nF)
INSULATION RESISTANCE
Min. 10 000 M
 (at 25 °C)
OPERATING TEMPERATURE RANGE
- 55 °C to + 100 °C
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic Class
1
Ceramic Dielectric
R16, R42, R85
Type
FPZ 140
PEZ 140
Voltage (Vpp)
27 000 30 000 15 000 25 000 30 000
Min. Capacitance (pF)
200
50
1500
1000
600
Max. Capacitance (pF)
200
500
2500
1000
800
Mounting
Screw terminal


Similar Part No. - FPZ140

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FPZ140 VISHAY-FPZ140 Datasheet
70Kb / 2P
Plate Capacitors for Higher Voltages
14-Aug-02
More results

Similar Description - FPZ140

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PEF220 VISHAY-PEF220 Datasheet
74Kb / 2P
Plate Capacitors with Moisture Protection Plate Capacitors for Higher Voltages
09-Feb-06
PEZ140 VISHAY-PEZ140 Datasheet
70Kb / 2P
Plate Capacitors for Higher Voltages
14-Aug-02
FPZ140 VISHAY-FPZ140 Datasheet
70Kb / 2P
Plate Capacitors for Higher Voltages
14-Aug-02
P.70 VISHAY-P.70 Datasheet
122Kb / 3P
Plate Capacitors with Contoured Rim - Class 1 Ceramic
20-Nov-01
FPE200 VISHAY-FPE200 Datasheet
86Kb / 3P
RF Power Plate Capacitors for Higher Voltages
11-Sep-15
FPS60 VISHAY-FPS60_15 Datasheet
247Kb / 3P
RF Power Plate Capacitors with Flat Rim, Class 1 Ceramic
14-Sep-15
PEF220 VISHAY-PEF220_16 Datasheet
104Kb / 7P
RF Power Plate Capacitors for Higher Voltages Class 1 Ceramic
29-Feb-16
TOSZ114096 VISHAY-TOSZ114096_15 Datasheet
74Kb / 3P
RF Power Barrel Capacitors for Higher Voltages Class 1 Ceramic
11-Sep-15
P70 VISHAY-P70 Datasheet
103Kb / 5P
RF Power Plate Capacitors with Contoured Rim, Class 1 Ceramic
30-Jan-2019
5FAE VISHAY-5FAE Datasheet
88Kb / 3P
RF Power Barrel Capacitors, Class 1 and Class 2 Ceramic
30-Jan-2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com