Electronic Components Datasheet Search
  English  ▼

X  

TDFZ125213 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TDFZ125213
Description  RF Power Pot Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDFZ125213 Datasheet(HTML) 2 Page - Vishay Siliconix

  TDFZ125213 Datasheet HTML 1Page - Vishay Siliconix TDFZ125213 Datasheet HTML 2Page - Vishay Siliconix TDFZ125213 Datasheet HTML 3Page - Vishay Siliconix TDFZ125213 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TDFZ 125213, TDFZ 125236, TDFZ 125260
www.vishay.com
Vishay Draloric
Revision: 07-Sep-15
2
Document Number: 22125
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) The surface temperature during operation must not exceed +100 °C
SAP PART NUMBER AND ELECTRICAL DATA
PART NUMBER
CERAMIC
CAP.
VALUES
(pF)
RATED
VOLTAGE
(kVp)
RATED
POWER (1)
(kvar)
RATED
CURRENT
(ARMS)
TYPE TDFZ 125213
TF125213WN50136CB1
R16 HQ
500
18
Max. 2035
Max. 160
TF125213WN75136CB1
750
Max. 2300
Max. 180
TF125213WN10236CB1
1000
Max. 2540
Max. 200
TYPE TDFZ 125236
TF125236WN50136CB1
R16 HQ
500
18
Max. 2035
Max. 160
TF125236WN75136CB1
750
Max. 2300
Max. 180
TF125236WN10236CB1
1000
Max. 2540
Max. 200
TYPE TDFZ 125260
TF125260WF15236CB1
R16 HQ
1500
12
Max. 2000
Max. 250
TF125260WF20236CB1
2000
Max. 2450
Max. 290
DIMENSIONS in millimeters (inches)
M8 Thread*
Ø 125
(4.92 Dia.)
60°
60°
Ø 50
(1.97 Dia.)
Ø 85
(3.35 Dia.)
2
(0.08)
1
(0.04)
70
(2.76)
22 ± 1
(0.87 ± 0.04)
22 ± 1
(0.87 ± 0.04)
70
(2.76)
Ø 125
(4.92 Dia.)
Ø 85
(3.35 Dia.)
Ø 125
(4.92 Dia.)
Ø 7.0 ± 0.2
(0.276 ± 0.008 Dia.)
TDFZ 125236 provide solid cylindric brass terminals; Ø 50.8 mm (2.000" Dia.)
This allow plug-in compatible fuse clip mounting for vacuum capacitor replacement
TDFZ 125213, TDFZ 125260
TDFZ 125236
Ø 50.8 ± 0.5
(2.000 ± 0.020 Dia.)
Ø 50.8 ± 0.5
(2.000 ± 0.020 Dia.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com