Electronic Components Datasheet Search
  English  ▼

X  

ESD3LC Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # ESD3LC
Description  Ultra low capacitance ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

ESD3LC Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  ESD3LC Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd ESD3LC Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd ESD3LC Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd ESD3LC Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ESD3LC
Ultra low capacitance ESD Protection
Feature
●
With TVS Diode
●
ESD Protection:Level 4
●
Low clamping voltage
●
100Watts peak pulse power per line(tp=8/20uS)
●
Ultra low capacitance:0.4pf max.(pin1 to pin2.)
●
Protection I/O port
DFN1006-3L
IEC Compatibility
●
EN61000-4
●
61000-4-2(ESD):Level 4,Contact:±8kv,Air::±15kv
●
61000-4-4(EFT):40A-5/50ns
●
61000-4-5(Surge):4A-8/20us
Mechanical Characteristics
●
Molded JEDEC DFN1006-3L package
●
Packing:Tape and Reel
●
Flammability rating UL 94V-0
●
Halogen Free
Device Characteristics
Applications
●
Lan equipment
●
Video
●
DVI
●
High Speed Data Line
●
Ethernet
●
USB 3.0/3.1 Data line Protection
I/O 1
I/O 2
GND
Pin
Identification
1
I/O 1
2
I/O 2
3
GND
Maximum Ratings@25 unless otherwise specified
Parameter
Symbol
Value
Units
Peak pulse power (tp=8/20us)
PPP
100
Watts
Operating Temperature
TJ
-55~150
°
C
Storage Temperature
TSTG
-55~150
°
C
1
2
3
E1604F3A-STD-FW-001
Futurewafer Technology Co., Ltd


Similar Part No. - ESD3LC

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
ESD3LC-0.4PF FUTUREWAFER-ESD3LC-0.4PF Datasheet
824Kb / 4P
Ultra low capacitance ESD Protection
ESD3LCS FUTUREWAFER-ESD3LCS Datasheet
809Kb / 4P
Extremely Low Capacitance TVS Array
More results

Similar Description - ESD3LC

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJE5V0U8TB-AU PANJIT-PJE5V0U8TB-AU Datasheet
288Kb / 6P
Ultra Low Capacitance ESD Protection
logo
FutureWafer Tech Co.,Lt...
ESD3LC-0.4PF FUTUREWAFER-ESD3LC-0.4PF Datasheet
824Kb / 4P
Ultra low capacitance ESD Protection
logo
ON Semiconductor
ESD7571 ONSEMI-ESD7571 Datasheet
132Kb / 6P
Ultra-Low Capacitance ESD Protection
October, 2016 ??Rev. 0
logo
Shanghai Yint Electroni...
ESD040205P015 YINT-ESD040205P015 Datasheet
502Kb / 4P
Ultra Low Capacitance ESD Protection
logo
Pan Jit International I...
PE1403M1Q PANJIT-PE1403M1Q Datasheet
344Kb / 5P
Ultra Low Capacitance ESD Protection
April 15,2017-REV.00
PE1403M2Q PANJIT-PE1403M2Q Datasheet
378Kb / 5P
Ultra Low Capacitance ESD Protection
May 4,2018-REV.01
PE1605S1Q PANJIT-PE1605S1Q Datasheet
268Kb / 5P
ULTRA LOW CAPACITANCE ESD PROTECTION
January 22,2019-REV.00
PE1805C4C5 PANJIT-PE1805C4C5 Datasheet
364Kb / 5P
Ultra Low Capacitance ESD Protection
April 20,2016-REV.00
PE1805C4C6N PANJIT-PE1805C4C6N Datasheet
350Kb / 5P
ULTRA LOW CAPACITANCE ESD PROTECTION
April 24,2018-REV.00
PE1805C4E6 PANJIT-PE1805C4E6 Datasheet
310Kb / 5P
Ultra Low Capacitance ESD Protection
August 10,2022 PE1805C4E6-REV.01
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com