Electronic Components Datasheet Search
  English  ▼

X  

HC660 Datasheet(PDF) 1 Page - A-Data Technology

Part # HC660
Description  Ultra-slim design at just 9.6mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

HC660 Datasheet(HTML) 1 Page - A-Data Technology

  HC660 Datasheet HTML 1Page - A-Data Technology HC660 Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HC660 External Hard Drive
Just 9.6mm thick, the HC660 is at the apex of light and stylish external hard drives, available in 1TB and 2TB
versions. Easily store your media and files, including the highest fidelity content, without worrying about running
out of space. We created the HC660 to look great and be durable, so it uses a scratch and damage-resistant
sandblasted metallic surface. It is electroplated to ensure it maintains its looks for a long product lifespan: surface
paint won’t chip off or dull, and the grooved texture will remind you of the HC660’s fusion of fashion and utility for
years to come.
Ultra-slim through smart engineering
Thanks to meticulous craft and balancing, the HC660 is
nearly the same height (or thickness) as a standalone 2.5”
internal drive. Its durable and stylish enclosure provides
great looks and protection without adding bulk or weight.
Lots more capacity in a slim form
Think of your games, videos, photos, documents, work
projects, and pretty much any other content squeezing
into a slim form factor. That’s great space that slips into
a pocket with ease. Choose 1TB or 2TB – both are plug n
play and unlock extra space right away.


Similar Part No. - HC660

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
HC6 ILLINOISCAPACITOR-HC6 Datasheet
771Kb / 3P
High AC Voltage - High current
logo
Tallysman Wireless Inc.
HC600 TALLYSMAN-HC600 Datasheet
381Kb / 2P
HC600 Iridium Antenna
HC600E TALLYSMAN-HC600E Datasheet
401Kb / 2P
HC600E Embedded Iridium Antenna
logo
auris-GmbH
HC6032 AURIS-HC6032 Datasheet
177Kb / 1P
Quartz SMD, Ceramic
HC6034 AURIS-HC6034 Datasheet
177Kb / 1P
Quartz SMD, Ceramic
More results

Similar Description - HC660

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EBOX530-820-FL AXIOMTEK-EBOX530-820-FL Datasheet
486Kb / 1P
Ultra slim and compact design
ICO-200 AXIOMTEK-ICO-200 Datasheet
241Kb / 1P
Ultra slim and compact design
GOT-5120T-830 AXIOMTEK-GOT-5120T-830 Datasheet
375Kb / 2P
Ultra slim design: thickness 52mm
GOT-5152T-830 AXIOMTEK-GOT-5152T-830 Datasheet
344Kb / 2P
Ultra slim design: thickness 54.6mm
GOT-5840T-830 AXIOMTEK-GOT-5840T-830 Datasheet
375Kb / 2P
Ultra Slim design: thickness 45mm
logo
XP Power Limited
DSL240 XPPOWER-DSL240 Datasheet
193Kb / 2P
Ultra Slim Design
logo
Axiomtek Co., Ltd.
MPC102-832 AXIOMTEK-MPC102-832 Datasheet
423Kb / 2P
Ultra slim design - thickness 45.8 mm
logo
Mean Well Enterprises C...
HDR-15 MEANWELL-HDR-15 Datasheet
631Kb / 4P
ULTRA SLIM DESIGN WITH 17.5MM(1SU) WIDTH
HDR-60 MEANWELL-HDR-60 Datasheet
738Kb / 4P
ULTRA SLIM DESIGN WITH 52.5MM(2SU) WIDTH
logo
A-Data Technology
HV620S A-DATA-HV620S Datasheet
427Kb / 2P
Slim profile design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com