Electronic Components Datasheet Search
  English  ▼

X  

AD4U240038G17-R Datasheet(PDF) 2 Page - A-Data Technology

Part # AD4U240038G17-R
Description  High speed up to 2400MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

AD4U240038G17-R Datasheet(HTML) 2 Page - A-Data Technology

  AD4U240038G17-R Datasheet HTML 1Page - A-Data Technology AD4U240038G17-R Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
Capacity
Package
Model Number
EAN Code
4GB
512x8
Bulk
AD4U2400W4G17-B
N/A
Single Tray
AD4U2400W4G17-S
4712366964433
Retail
AD4U2400W4G17-R
4712366964440
Dual Retail
AD4U2400W4G17-2
4712366964457
8GB
Bulk
AD4U2400W8G17-B
N/A
Single Tray
AD4U2400W8G17-S
4712366964464
Retail
AD4U2400W8G17-R
4712366964471
Dual Retail
AD4U2400W8G17-2
4712366964488
8GB
1024x8
Bulk
AD4U240038G17-B
N/A
Single Tray
AD4U240038G17-S
4712366966444
Retail
AD4U240038G17-R
4712366966451
Dual Retail
AD4U240038G17-2
4712366966475
16GB
Bulk
AD4U2400316G17-B
N/A
Single Tray
AD4U2400316G17-S
4712366964495
Retail
AD4U2400316G17-R
4712366964501
Dual Retail
AD4U2400316G17-2
4712366964518
Package Information
Package
Type
IC
QTY
Bulk
weight
(g)
Qty per
tray(pcs)
Weight
per tray
(g)
Qty per
sub
carton
(pcs)
Weight
per sub
carton
Carton
Dimensions
(L x W x H)
Cuft
Qty per
carton
(pcs)
Carton
N.W. (g)
Carton
G.W.(g)
Bulk
8
16.4
50
1,028
100
2,404
445 x 346 x
280mm
1.52
500
12,020
12,883
16
17.6
50
1,088
100
2,524
500
12,620
13,483
Package
Type
IC
QTY
Bulk
weight (g)
Single tray
weight (g)
Single Tray
Dimensions
(L x W x H)
Carton Dimensions
(L x W x H)
Cuft
Qty per
carton (pcs)
Carton
N.W. (g)
Carton
G.W.(g)
Single
Tray
8
16.4
28
170 x 55 x 9mm
545 x 255 x 278mm
1.37
300
8,520
10,275
16
17.6
30
300
8,880
10,635
Package
Type
IC
QTY
Bulk
weight (g)
Retail
weight (g)
Retail Dimensions
(L x W x H)
Carton Dimensions
(L x W x H)
Cuft
Qty per
carton (pcs)
Carton
N.W. (g)
Carton
G.W.(g)
Retail
8
16.4
48
133.5 x 165 x 19mm
606 x 345 x 150mm
1.11
100
4,840
5,894
16
17.6
50
100
4,960
6,014
Dual
Retail
8
16.4
72
168 x 164 x 19mm
606 x 345 x 195mm
1.43
100
7,180
8,249
16
17.6
74
100
7,420
8,489



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com