Electronic Components Datasheet Search
  English  ▼

X  

D3CE60K Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # D3CE60K
Description  Fast Recovery Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D3CE60K Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  D3CE60K Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D3CE60K Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D3CE60K Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D3CE60K Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
*Si
newaveは50Hzで測定しています。
* 50Hzsi
newavei
susedf
ormeasur
ement
s.
D3CE60K
■特性図 CHARACTERI
STI
C DI
AGRAMS
1cycle
10ms10ms
Sine wave
Non-repetitive
Tj=25℃
順方向特性
Forward Voltage
0
0.
51
1.5
2
2.5
Forward Voltage VF〔V〕
Tl=150℃(MAX)
Tl=150℃(TYP)
Tl=25℃(MAX)
Tl=25℃(TYP)
Pulse measurement
1
10
0.1
20
Pulse measurement
Tl=150℃(TYP)
Tl=125℃(TYP)
Tl=100℃(TYP)
Tl=75℃(TYP)
Tl=50℃(TYP)
Tl=25℃(TYP)
逆方向特性
Reverse Current
0.01
0.005
0.1
200
100
10
1
0
100
400
500
200
300
600
Reverse Voltage VR〔V〕
D=tp/T
T
tp
IO
Tj=150℃
順電力損失曲線
Forward Power Dissipation
5
7
6
4
2
1
3
0
DC
D=0.
8
0.
5
0.
3
0.
2
0.
1
0.
05
SIN
Average Rectified Forward Current IO〔A〕
0
24
3
5
1
0
0.
2
0.
6
0.
4
0.
8
1
ディレーティングカーブ
Derating Curve
0
204080
160
140
120
60100
Ambient Temperature Ta〔℃〕
DC
SIN
0.
5
0.
3
0.
2
0.
1
0.
05
D=0.
8
on glass-epoxi substrate
基板
Soldering land 1.4mm×2.1mm
Conductor layer 35μm
2インチ基板実装
銅箔パターン面積32mm2
0
IO
D=tp/T
T
tp
0
VR
VR=VRM
0
0.
2
0.
6
0.
4
0.
8
1.4
1.2
1
ディレーティングカーブ
Derating Curve
0
204080
160
140
120
60100
Ambietnt Temperature Ta〔℃〕
DC
SIN
0.
5
0.
3
0.
2
0.
1
0.
05
D=0.
8
on glass-epoxi substrate
基板
Soldering land 1.4mm×2.1mm
Conductor layer 35μm
2インチ基板実装
銅箔パターン面積160mm2
0
IO
D=tp/T
T
tp
0
VR
VR=VRM
0
1
3
2
4
5
ディレーティングカーブ
Derating Curve
0
204080
160
140
120
60100
Lead Temperature Tl 〔℃〕
DC
SIN
0.
5
0.
3
0.
2
0.
1
0.
05
D=0.
8
0
IO
D=tp/T
T
tp
0
VR
VR=VRM
せん頭サージ順電流耐量
Peak Surge Forward Capability
60
50
40
30
20
10
0
Number of Cycles〔cycle〕
1
100
10
せん頭サージ順電流耐量
Peak Surge Forward Capability
60
40
80
120
100
20
0
Pulse Width tp〔ms〕
1
10
tp
Sine wave
Non-repetitive
Tj=25℃
Peak Surge Forward Current Derating
vs Junction Temperature
せん頭サージ順電流減少率 - 接合部温度
100
0
60
80
40
20
0
25
50
75
100
125
150
Junction Temperature Tj〔℃〕
10
100
1
600
接合容量
Junction Capacitance
100
1
10
Reverse Voltage VR〔V〕
f=1MHz
Tl=25℃
TYP
過渡熱抵抗
Transient Thermal Impedance
10
100
1000
0.01
1
0.1
10-4
10-2
10-3
10-1
100
101
103
102
Time t〔s〕
θjl
θjl
θja
θja
on glass-epoxi substrate
基板
Soldering land 1.2mm
Conductor layer 35μm
銅箔パターン面積32mm2
過渡熱抵抗
Transient Thermal Impedance
10
100
1000
0.01
1
0.1
10-4
10-2
10-3
10-1
100
101
103
102
Time t〔s〕
θjl
θjl
θja
θja
on glass-epoxi substrate
基板
Soldering land 1.2mm
Conductor layer 35μm
銅箔パターン面積160mm2
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
(J532-p〈2016.02〉)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com