Electronic Components Datasheet Search
  English  ▼

X  

ERC01-10 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # ERC01-10
Description  Plastic Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

ERC01-10 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  ERC01-10 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd ERC01-10 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
120
TJ=125
8.3ms Single Half
Sine-Wave
2
4
10
8
100
40
60 80
0
20
40
60
80
100
120
140
160
0.6
TJ=25
Pulse Width=300uS
0.04
0.01
0.1
0.4
2
1.0
4
100
10
0.8
1.0
1.2
1.4
2.0
1.6
1.8
.2
TJ=25
f=1MHz
1
.1
2
4
.4
1.0
2
40
10
20
60
100
1
4
00
75
25
0
50
Single Phase
Half W ave 60H Z
Resistive or
Inductive Load
100
125
175
150
0.25
0.5
1
0.75
1.25
1.5
FIG.3 --CURRENT DERATING CURVE
FIG.4 --PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
REVERSE VOLTAGE,VOLTS
AMBIENT TEMPERATURE,
FIG.1 -- FORWARD CHARACTERISTIC
FIG.2 -- JUNCTION CHARACTERISTICS
Ratings AND Charactieristic Curves
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1
PACKAGE
SPQ/PCS
CARTON
SPQ/PCS
CARTON
SIZE/CM
CARTON
GW/KG
CARTON
NW/KG
DO-15
3000/AMMO
30000
42X28X31
12.00
10.00
ERC01-02--ERC01-10
Plastic Silicon Rectifiers



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com