Electronic Components Datasheet Search
  English  ▼

X  

DF016030 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DF016030
Description  RF Power Feed-Through Capacitors with Mounting Tags, Class 1 Ceramic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DF016030 Datasheet(HTML) 2 Page - Vishay Siliconix

  DF016030 Datasheet HTML 1Page - Vishay Siliconix DF016030 Datasheet HTML 2Page - Vishay Siliconix DF016030 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DF 016030, DF 016040, DF 016060
www.vishay.com
Vishay Draloric
Revision: 02-Sep-15
2
Document Number: 22144
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• ## 14th to 15th digit: capacitance tolerance code ± 20 % = 38, ± 10 % = 36, ± 5 % = 33
(1) The surface temperature during operation must not exceed +100 °C
(2) DC or low frequency RMS current (< 20 kHz)
MOUNTING GUIDELINES
• The connection to one electrode must be flexible in order to prevent the generation of physical force which could damage the
capacitor elements. Such forces are often generated by the dimensional differences resulting from the normal physical
tolerances of these components.
• The capacitor elements must not be used as a mechanical support for other devices or components.
SAP PART NUMBER AND ELECTRICAL DATA
PART NUMBER
CERAMIC
CAP.
VALUES
(pF)
RATED
VOLTAGE
(kVp)
RATED
POWER (1)
(kvar)
RATED
CURRENT
(ARMS)
FEED-THROUGH
CURRENT (2)
(A)
TYPE DF 016030
DF016030BC201##BJ1
R85
200
3.0
4.0
5.0
6.0
DF016030BC401##BJ1
400
DF016030BC601##BJ1
600
TYPE DF 016040
DF016040BC501##BJ1
R85
500
3.0
5.0
5.0
6.0
DF016040BC701##BJ1
700
DF016040BC801##BJ1
800
TYPE DF 016060
DF016060BD801##BJ1
R85
800
4.0
7.5
5.0
6.0
DF016060BC102##BJ1
1000
3.0
DF016060BC122##BJ1
1200
DF016060BC152##BJ1
1500
DIMENSIONS in millimeters (inches)
RELATED DOCUMENTS
General Information
www.vishay.com/doc?22071
=
=
0.5
(0.020)
DF 016030: 30 (1.18)
DF 016040: 40 (1.57)
DF 016060: 60 (2.36)
18 ± 1
(0.71 ± 0.04)
34.0 ± 0.3
(1.339 ± 0.012)
26.0 ± 0.3
(1.024 ± 0.012)
Ø 4.2 + 0.2
(0.165 + 0.008 Dia.)
6 x 0.4
(0.24 x 0.016)
Ø 3.0 ± 0.2
(0.118 ± 0.008 Dia.)
18 ± 1
(0.71 ± 0.04)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com