Electronic Components Datasheet Search
  English  ▼

X  

GDMQ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GDMQ
Description  High Voltage Ceramic Capacitor Stacks, With Leads, Class 2 Ceramic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GDMQ Datasheet(HTML) 1 Page - Vishay Siliconix

  GDMQ Datasheet HTML 1Page - Vishay Siliconix GDMQ Datasheet HTML 2Page - Vishay Siliconix GDMQ Datasheet HTML 3Page - Vishay Siliconix GDMQ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GDMQ
www.vishay.com
Vishay Draloric
Revision: 23-May-17
1
Document Number: 22033
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Voltage Ceramic Capacitor Stacks,
With Leads, Class 2 Ceramic
MATERIAL
Capacitor elements made from class 2 ceramic dielectric
with noble metal electrodes.
Connection terminals between the discs: brass, silver plated
Lead terminals: tinned copper
OPTIONAL HV DIODES
The capacitor stacks can be supplied completely mounted
with high voltage diodes instead of the leads.
Please contact us.
FEATURES
• Small size
• Multiple designs up to 12 stages
• Voltage ratings of the individual discs from 8 kVDC to
10 kVDC
• Stacks with diodes
• Lead (Pb)-free version on request
• Other versions on request
APPLICATIONS
Ceramic capacitor stacks have been developed for use in
low power voltage multipliers used in high voltage DC
generators. The major applications are x-ray equipment for
medical
diagnostics
or
electrostatic
paint
spraying
equipment.
CAPACITANCE RANGE
125 pF to 500 pF
CAPACITANCE TOLERANCE
- 20 % / + 40 %
CERAMIC DIELECTRIC
• R2000 (X7R)
• R2005 (X7R)
• R3000 (X7R)
• R6000 (Y5U)
RATED VOLTAGE
• 8.0 kVDC per single disc
• 10 kVDC per single disc
DIELECTRIC STRENGTH TEST
150 % to 160 % of rated voltage, in dielectric fluid
DISSIPATION FACTOR
Max. 2.5 % (1 kHz)
INSULATION RESISTANCE
• R2000: min. 100 G
Ω (at 25 °C)
• R2005, R3000, R6000: min. 10 G
Ω (at 25 °C)
OPERATING TEMPERATURE RANGE
-25 °C to +85 °C
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic Class
2
Ceramic Dielectric
R2005
R2000,
R3000
R6000
Type
GDMQ07
GDMQ08
GDMQ10
Voltage (VDC)
8000
8000
10 000
Min. Capacitance (pF)
250
125
500
Max. Capacitance (pF)
250
250
500
Mounting
Leaded


Similar Part No. - GDMQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GDMQ VISHAY-GDMQ Datasheet
40Kb / 1P
Ceramic Capacitor Stacks
14-Aug-02
GDMQ VISHAY-GDMQ Datasheet
99Kb / 2P
Ceramic Capacitor Stacks
10-Jun-05
GDMQ0704 VISHAY-GDMQ0704 Datasheet
40Kb / 1P
Ceramic Capacitor Stacks
14-Aug-02
GDMQ0704 VISHAY-GDMQ0704 Datasheet
99Kb / 2P
Ceramic Capacitor Stacks
10-Jun-05
GDMQ0705 VISHAY-GDMQ0705 Datasheet
40Kb / 1P
Ceramic Capacitor Stacks
14-Aug-02
More results

Similar Description - GDMQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GDMQ VISHAY-GDMQ Datasheet
40Kb / 1P
Ceramic Capacitor Stacks
14-Aug-02
GFMM VISHAY-GFMM Datasheet
40Kb / 1P
Ceramic Capacitors Stacks
14-Aug-02
GDMQ VISHAY-GDMQ_05 Datasheet
99Kb / 2P
Ceramic Capacitor Stacks
10-Jun-05
GFMM VISHAY-GFMM_06 Datasheet
99Kb / 2P
Ceramic Capacitor Stacks
07-Feb-06
GFMQ VISHAY-GFMQ Datasheet
111Kb / 2P
Ceramic Capacitor Stacks
10-Jun-05
HAZ470 VISHAY-HAZ470 Datasheet
269Kb / 8P
Ceramic High Voltage Disc Capacitors, Class 2
31-Jan-06
GFMM VISHAY-GFMM_15 Datasheet
91Kb / 3P
High Voltage Ceramic Capacitor Stacks, with Solder Tags, Class 2 Ceramic
11-Sep-15
GFMQ VISHAY-GFMQ_15 Datasheet
94Kb / 3P
High Voltage Ceramic Capacitor Stacks, with Solder Tags, Class 2 Ceramic
11-Sep-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com