Electronic Components Datasheet Search
  English  ▼

X  

GFMM Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GFMM
Description  High Voltage Ceramic Capacitor Stacks, with Solder Tags, Class 2 Ceramic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GFMM Datasheet(HTML) 2 Page - Vishay Siliconix

  GFMM_15 Datasheet HTML 1Page - Vishay Siliconix GFMM_15 Datasheet HTML 2Page - Vishay Siliconix GFMM_15 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GFMM
www.vishay.com
Vishay Draloric
Revision: 11-Sep-15
2
Document Number: 22017
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Per single disc
(2) In an insulating environment
(3) Min. 3 s in dielectric fluid
SAP PART NUMBER AND ELECTRICAL DATA
PART NUMBER
CERAMIC
CAPACITANCE
VALUES (1)
(pF)
RATED
VOLTAGE (1)(2)
(kVDC)
TEST
VOLTAGE (1)(3)
(kVDC)
NO. OF DISC
IN SERIES
LMAX.
mm
(INCH)
DMAX.
mm
(INCH)
RHS1N3096BTZGY5998
R4000
(Y5U)
1300
- 10 % / + 50 %
19
25
570 (2.76)
27 (1.06)
RHS1N3096BTZGZ5999
793 (3.66)
RHS1N3049BTZGT5994
1300
- 10 % / + 60 %
570 (2.76)
RHS1N3049BTZBU5564
793 (3.66)
RHS2N2096WEZGU5224
R6000
(Y5U)
2200
- 10 % / + 50 %
11
15
555 (2.17)
RHS2N2096WEZGW5996
775 (2.95)
RHS2N2049WEZGV5995
2200
- 10 % / + 60 %
555 (2.17)
RHS2N2049WEZGX5997
775 (2.95)
DIMENSIONS DATA
RELATED DOCUMENTS
General Information
www.vishay.com/doc?22090
42.0 - 0.5
(1.654 - 0.020)
2.0 (0.079)
D
0.8 (0.031)
7.0 (0.276)
7.0 (0.276)
M4 Thread
9 Hex
0.3 (0.012)
L
2.0 (0.079)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com