Electronic Components Datasheet Search
  English  ▼

X  

1426-2 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 1426-2
Description  Medium Power,
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

1426-2 Datasheet(HTML) 1 Page - API Technologies Corp

  1426-2 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
111
5305 Spectrum Drive, Frederick, MD 21703-7362
s TEL: 301-846-9222, 800-638-2048 s Fax: 301-846-9116
web: www.weinschel
.apitech.com s email: weinschel-sales@apitech.com
Revision Date:
08/03/2016
Terminations & Loads
Model 1426
dc to 10 GHz
Medium Power, N & SMK Connectors
50 Watts
Convection Cooled
Features
o Rugged Construction - Quality connector with special
high temperature support bead.
o Low Intermodulation Option
o 5 Kilowatts Peak Power
Specifications
NOMINAL IMPEDANCE: 50
Ω
FREQUENCY RANGE:
dc to 10 GHz
POWER RATING: 50 watts average (mounted horizon-
tally) to 25°C ambient temperature, derated linearly to 5
watts @ 125°C. 5 kilowatts peak (5
μsec pulse width; 0.5%
duty cycle).
INTERMODULATION (Model 1426-X-LIM Only):
IM3
(Reflected) = -100 dBc with two input signals @ 869 MHz
and 891 MHz with an average power of +43 dBm each.
TEMPERATURE RANGE: -55°C to +125°C
MAXIMUM SWR:
Frequency (GHz)
SWR
dc - 4
1.20
4 - 10
1.30
Specification
1.00
1.10
1.20
1.30
1.40
0.05
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
Typical 1426-4 SWR Performance
TEST DATA: Swept data plots of SWR from 50 MHz to
10 GHz is available at additional cost.
CONNECTOR:
Type N connector per MIL-STD-348 inter-
face dimensions - mate nondestructively with MIL-C-39012
connector. Choice of male (-4) or female connector (-3).
SMK (2.92mm) connector mates nondestructively with SMA
per MIL-C-39012, 3.5mm and other 2.92mm (SMK) connec-
tor. Choice of male (-2) or female connector (-1).
CONSTRUCTION: Black, finned aluminum body, stainless
steel connector; gold plated beryllium copper female
contacts and stainless steel male contacts.
WEIGHT: Net 280 g (10 oz.)
PHYSICAL DIMENSIONS:
Model #
DIM A
Connector Type
1426-1
12.7 (0.50)
2.92mm female
1426-2
14.0 (0.55)
2.92mm male
1426-3
15.0 (0.59)
N female
1426-4
22.9 (0.90)
N male
NOTE: All dimensions are given in mm (inches) and are
maximum, unless otherwise specified.
MODEL NUMBER DESCRIPTION:
Example:
1426 - X - LIM
Basic
Model
Number
Connector
Option
IM Option*
* Add -LIM to entire model number for Low Intermodulation option.
Option not available through Express.
RoHS


Similar Part No. - 1426-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1426-2 ETC2-1426-2 Datasheet
430Kb / 1P
MICRO PINS
More results

Similar Description - 1426-2

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1181B OKI-KGF1181B Datasheet
131Kb / 8P
Medium-Power Amplifier
KGF1183 OKI-KGF1183 Datasheet
168Kb / 11P
Medium-Power Amplifier
logo
STMicroelectronics
BCP52 STMICROELECTRONICS-BCP52 Datasheet
71Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1997
BCP55 STMICROELECTRONICS-BCP55 Datasheet
71Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1997
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
128Kb / 4P
Medium Power Transistor
logo
Unisonic Technologies
BCP68 UTC-BCP68 Datasheet
91Kb / 2P
NPN MEDIUM POWER POWER
logo
Rohm
2SA2090 ROHM-2SA2090 Datasheet
88Kb / 4P
Medium power transistor
logo
Guangdong Kexin Industr...
2SA1979UF KEXIN-2SA1979UF Datasheet
45Kb / 1P
Medium Power Amplifier
FMMT489 KEXIN-FMMT489 Datasheet
35Kb / 1P
Medium Power Transistor
logo
API Technologies Corp
1419 APITECH-1419 Datasheet
539Kb / 1P
Medium Power
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com