Electronic Components Datasheet Search
  English  ▼

X  

1433 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 1433
Description  High Power, N Connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

1433 Datasheet(HTML) 1 Page - API Technologies Corp

  1433 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5305 Spectrum Drive, Frederick, MD 21703-7362
s TEL: 301-846-9222, 800-638-2048 s Fax: 301-846-9116
web: www.aeroflex.com/weinschel
s email: weinschel-sales@aeroflex.com
122
Revision Date: 9/30/2012
Terminations & Loads
MAXIMUM SWR:
Frequency (GHz)
SWR
dc - 2
1.10
2 - 6
1.15
Model 1433
dc to 6.0 GHz
High Power, N Connectors
250 Watts
Convection Cooled
Features
o Compact Construction - Lowest size/power ratio.
o Low SWR - Maximum SWR remains low through full
frequency and power range.
o Rugged Construction - Quality connector with special
high temperature support beads.
Specifications
NOMINAL IMPEDANCE: 50
Ω
FREQUENCY RANGE:
dc to 6.0 GHz
INTERMODULATION (Model 1433-X-LIM Only):
IM3
(Reflected) = -100 dBc with two input signals @ 869 MHz
and 891 MHz with an average power of +43 dBm each.
POWER RATING: 250 watts average (mounted horizon-
tally assuming unobstructed air flow and natural
convection around unit) @ 25°C ambient temperature,
derated linearly to 25 watts @ 125°C. 10 kilowatts peak
(5
μsec pulse width; 1.25% duty cycle).
TEMPERATURE RANGE: -55°C to +125°C
TEST DATA: Swept data plots of SWR from 50 MHz to
6 GHz is available at additional cost--------------------.
CONNECTOR: Type N connector per MIL-STD-348 inter-
face dimensions - mate nondestructively with MIL-C-39012
connector. Choice of male (-4) or female connector (-3).
CONSTRUCTION: Black, finned aluminum body, stainless
steel connector; gold plated beryllium copper female
contact or stainless steel male contact.
WEIGHT: Net 1,530 g (3 lbs., 6 oz.) maximum
MODEL NUMBER DESCRIPTION:
Example:
1433 - X - LIM
PHYSICAL DIMENSIONS:
Model #
DIM A
Connector Type
1433-3
15.0 (0.59)
N female
1433-4
22.9 (0.90)
N male
Basic
Model
Number
Connector
Option
IM Option*
* Add -LIM to entire model number for Low Intermodulation option.
www.argosysales.com
800-542-4457
EXPRESS
RoHS
NOTE: All dimensions are given in mm (inches) and are maximum, unless otherwise specified.


Similar Part No. - 1433

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1433 ETC2-1433 Datasheet
493Kb / 1P
Space saving design for high density packaging
logo
IET Labs Inc.
1433 IET-1433 Datasheet
195Kb / 2P
Precision Decade Resistor
May 2023
logo
Multicomp Pro
1433 MULTICOMP-1433 Datasheet
225Kb / 2P
Split Loom Flame Retardant Polyethylene, Grey
25/05/20 V1.0
logo
Keystone Electronics Co...
1433 KEYSTONE-1433 Datasheet
485Kb / 1P
MICRO JACKS
31-07 20th
logo
IET Labs Inc.
1433-00 IET-1433-00 Datasheet
195Kb / 2P
Precision Decade Resistor
May 2023
More results

Similar Description - 1433

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CGE ITT-CGE Datasheet
405Kb / 11P
High Power Connectors
logo
API Technologies Corp
1418 APITECH-1418 Datasheet
519Kb / 1P
Medium Power, N Connectors
1429 APITECH-1429 Datasheet
504Kb / 1P
Medium Power, N & 3.5mm Connectors
1432 APITECH-1432 Datasheet
466Kb / 1P
High Power, N or SMK Connectors
1434 APITECH-1434 Datasheet
480Kb / 1P
High Power, N Connectors
1453 APITECH-1453 Datasheet
500Kb / 1P
Medium Power, N Connectors
1456 APITECH-1456 Datasheet
518Kb / 1P
High Power, N Connectors
1470 APITECH-1470 Datasheet
511Kb / 1P
High Power, N or SMK Connectors
1471 APITECH-1471 Datasheet
513Kb / 1P
High Power, N or SMK Connectors
1473 APITECH-1473 Datasheet
522Kb / 1P
High Power, N or SMK Connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com