Electronic Components Datasheet Search
  English  ▼

X  

1446 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 1446
Description  Medium Power, 7/16 Connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

1446 Datasheet(HTML) 1 Page - API Technologies Corp

  1446 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
105
5305 Spectrum Drive, Frederick, MD 21703-7362
s TEL: 301-846-9222, 800-638-2048 s Fax:
301-846-9116 web: www.weinschel
.apitech.com s email: weinschel-sales@apitech.com
Revision Date:
08/03/2016
Terminations & Loads
NOTE: All dimensions are given in mm (inches) and
tolerances are X.X+0.8 (0.3) unless otherwise
specified.
Model 1446
25 Watts
Medium Power, 7/16 Connectors
dc to 6.0 GHz
Low Intermodulation Design
Features
o Optimized for Wireless OEM and Test Applications.
o Designed to meet environmental requirements of
MIL-D-39030.
o Custom Designs Available.
Specifications
NOMINAL IMPEDANCE: 50
Ω
FREQUENCY RANGE:
dc to 6.0 GHz
MAXIMUM SWR:
Frequency (GHz)
SWR
dc - 6
1.20
POWER RATING: (mounted horizontally assuming
unobstructed air flow and natural convection around
unit: 25 watts average @ 25°C ambient temperature,
derated linearly to 2.5 watts @ 125°C. 5 kilowatts peak (5
μsec pulse width; 0.25% duty cycle).
INTERMODULATION: IM3 (Reflected) = -100 dBc with two
+41 dBm Input Tones @ 869 MHz and 891 MHz.
TEMPERATURE RANGE: -55°C to 125°C.
TEST DATA: Swept data plots of SWR from 50 MHz to
18 GHz is available at additional cost.
CONNECTOR: 7/16 connector that conforms to DIN 47
223, IEC 1694, VG 95250, CECC 22190. Choice of 7/16
male(-2) of 7/16 female (-1) connector
CONSTRUCTION:
Black, finned aluminum body, silver
plated brass connector.
WEIGHT:
Net 216 g (7.6 oz) maximum
PHYSICAL DIMENSIONS:


Similar Part No. - 1446

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1446 VISHAY-1446 Datasheet
173Kb / 3P
Bulk Metal® Foil Technology Dual-In-Line Hermetic Resistor Networks
08-Mar-05
logo
Linear Technology
1446 LINER-1446 Datasheet
172Kb / 12P
Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
logo
Multicomp Pro
1446 MULTICOMP-1446 Datasheet
182Kb / 1P
Black Nylon Slit Loom Tubing
05/06/20 V1.0
logo
Adafruit Industries
1446 ADAFRUIT-1446 Datasheet
72Kb / 1P
"Wire Wrap" Thin Prototyping & Repair Wire - 200m 30AWG Blue
logo
TE Connectivity Ltd
1446000-1 TEC-1446000-1 Datasheet
1Mb / 15P
Power Connectors & Interconnection Systems
Revised 2-10
More results

Similar Description - 1446

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3667A UMS-CHA3667A Datasheet
291Kb / 8P
7-20GHz Medium Power Amplifier
CHA3667AQDG UMS-CHA3667AQDG Datasheet
518Kb / 14P
7-20GHz Medium Power Amplifier
logo
Agilent(Hewlett-Packard...
MGA-545P8 HP-MGA-545P8 Datasheet
190Kb / 10P
1-7 GHz Medium Power Amplifier
logo
United Monolithic Semic...
CHA5051 UMS-CHA5051 Datasheet
821Kb / 14P
7-16GHz Medium Power Amplifier
CHA5051-QDG UMS-CHA5051-QDG Datasheet
642Kb / 10P
7-16GHz Medium Power Amplifier
CHA3667A UMS-CHA3667A_15 Datasheet
160Kb / 8P
7-20GHz Medium Power Amplifier
CHA3667AQDG UMS-CHA3667AQDG_15 Datasheet
357Kb / 16P
7-20GHz Medium Power Amplifier
logo
API Technologies Corp
1418 APITECH-1418 Datasheet
519Kb / 1P
Medium Power, N Connectors
1453 APITECH-1453 Datasheet
500Kb / 1P
Medium Power, N Connectors
1458 APITECH-1458 Datasheet
418Kb / 1P
Medium Power, 3.5mm Connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com