Electronic Components Datasheet Search
  English  ▼

X  

KDZ2.2V Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KDZ2.2V
Description  ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDZ2.2V Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KDZ2.2V Datasheet HTML 1Page - KEC(Korea Electronics) KDZ2.2V Datasheet HTML 2Page - KEC(Korea Electronics) KDZ2.2V Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2001. 6. 11
3/3
KDZ2.0V~24V
Revision No : 6
ZENER VOLTAGE V
(V)
Z
AMBIENT TEMPERATURE Ta ( C)
I
- V
ZZ
P - Ta
d
0
0
50
100
150
200
8
04
2
4
6
8
10
12
16
20
24
28
0
50
100
150
200



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com