Electronic Components Datasheet Search
  English  ▼

X  

L34F3C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # L34F3C
Description  T-1 INFRA-RED EMITTING DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L34F3C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  L34F3C Datasheet HTML 1Page - List of Unclassifed Manufacturers L34F3C Datasheet HTML 2Page - List of Unclassifed Manufacturers L34F3C Datasheet HTML 3Page - List of Unclassifed Manufacturers L34F3C Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO:CDA0542
REV NO: V.1
DATE: OCT/29/2001
PAGE: 1 OF 4
APPROVED: J.LU
CHECKED:
DRAWN:X.Q.ZHENG
L34F3C
L34F3BT
L34SF4C
L34SF4BT
T-1 (3mm) INFRA-RED EMITTING DIODES
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.
Description
F3 Made with Gallium Arsenide Infrared Emitting diodes.
SF4 Made with Gallium Aluminum Arsenide Infrared
Emittingdiodes.
Features
!
MECHANICALLY AND SPECTRALLY MATCHED
TO THE L32P3C PHOTOTRANSISTOR.
!
BOTH WATER CLEAR LENS AND BLUE TRANSPARENT
LENS AVAILABLE HIGH POWER OUTPUT.


Similar Part No. - L34F3C

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
L341 CRYDOM-L341 Datasheet
585Kb / 4P
Power Modules
L341F CRYDOM-L341F Datasheet
585Kb / 4P
Power Modules
L342 CRYDOM-L342 Datasheet
585Kb / 4P
Power Modules
logo
Connor-Winfield Corpora...
L342-155.52 CONNOR-WINFIELD-L342-155.52 Datasheet
119Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
Crydom Inc.,
L342F CRYDOM-L342F Datasheet
585Kb / 4P
Power Modules
More results

Similar Description - L34F3C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-34F3BT KINGBRIGHT-L-34F3BT Datasheet
51Kb / 3P
T-1 (3mm) INFRA-RED EMITTING DIODE
AM2520F3C03 KINGBRIGHT-AM2520F3C03 Datasheet
103Kb / 5P
INFRA-RED EMITTING DIODES
KP-3216F3C KINGBRIGHT-KP-3216F3C Datasheet
129Kb / 5P
INFRA-RED EMITTING DIODES
WP34F3BT KINGBRIGHT-WP34F3BT Datasheet
129Kb / 4P
T-1 (3mm) INFRA-RED EMITTING DIODE
WP34F3C KINGBRIGHT-WP34F3C Datasheet
104Kb / 4P
T-1 (3mm) INFRA-RED EMITTING DIODE
WP34SF4BT KINGBRIGHT-WP34SF4BT Datasheet
103Kb / 4P
T-1 (3mm) INFRA-RED EMITTING DIODE
WP34SF4C KINGBRIGHT-WP34SF4C Datasheet
112Kb / 4P
T-1 (3mm) INFRA-RED EMITTING DIODE
WP34SF6BT KINGBRIGHT-WP34SF6BT Datasheet
106Kb / 4P
T-1 (3mm) INFRA-RED EMITTING DIODE
WP34SF6C KINGBRIGHT-WP34SF6C Datasheet
106Kb / 4P
T-1 (3mm) INFRA-RED EMITTING DIODE
WP34SF7BT KINGBRIGHT-WP34SF7BT Datasheet
121Kb / 4P
T-1 (3mm) INFRA-RED EMITTING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com