Electronic Components Datasheet Search
  English  ▼

X  

L173 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # L173
Description  2.5 X 5 MM RECTANGULAR SOLID LAMPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L173 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  L173 Datasheet HTML 1Page - List of Unclassifed Manufacturers L173 Datasheet HTML 2Page - List of Unclassifed Manufacturers L173 Datasheet HTML 3Page - List of Unclassifed Manufacturers L173 Datasheet HTML 4Page - List of Unclassifed Manufacturers L173 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: CDA0739
REV NO: V.1
DATE: NOV/11/2001
PAGE: 1 OF 5
APPROVED: J.LU
CHECKED:
DRAWN: S.H.CHEN
L173HD BRIGHT RED
L173GD GREEN
L173ID HIGH EFFICIENCY RED
L173YD YELLOW
L173ED ORANGE
2.5x5mm RECTANGULAR SOLID LAMPS
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.
Description
The Bright Red source color devices are made with
Gallium Phosphide Red Light Emitting Diode.
The High Efficiency Red and Orange source color devices
are made with Gallium Arsenide Phosphide on Gallium
Phosphide Orange Light Emitting Diode.
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.

Features
!
LOW POWER CONSUMPTION.
!
I.C. COMPATIBLE.
!
ROUNDED END RECTANGULAR SHAPE.
!
LONG LIFE-SOLID STATE RELIABILITY.
Package Dimensions
D
i
g
i
t
a
l
l
y
s
i
g
n
e
d
b
y
Y
A
N
G
S
H
O
U
F
E
N
c
n
=
Y
A
N
G
S
H
O
U
F
E
N
,
o
u
=
K
I
N
G
B
R
I
H
G
T
,
o
=
4
2
,
c
=
U
S
D
a
t
e
:
2
0
0
1
.
1
1
.
1
2
1
5
:
2
3
:
0
9
+
0
8
'
0
0
'
R
e
a
s
o
n
:
D
o
c
u
m
e
n
t
i
s
c
e
r
t
i
f
i
e
d


Similar Part No. - L173

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L173 IXYS-L173 Datasheet
161Kb / 2P
Three Phase AC Controller Modules
More results

Similar Description - L173

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HLMP-0300 FAIRCHILD-HLMP-0300 Datasheet
36Kb / 4P
2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-R100 HP-HLMP-R100 Datasheet
146Kb / 4P
2.5 mm x 7.6 mm Rectangular LED Lamps
logo
Kingbright Corporation
L-513 KINGBRIGHT-L-513 Datasheet
178Kb / 6P
2.5 X 5MM RECTANGULAR SOLID LAMPS
logo
List of Unclassifed Man...
L513HDT ETC-L513HDT Datasheet
178Kb / 6P
2.5 X 5MM RECTANGULAR SOLID LAMPS
L113HDT ETC-L113HDT Datasheet
179Kb / 6P
2 X 5 MM RECTANGULAR SOLID LAMPS
logo
Fairchild Semiconductor
MV52123 FAIRCHILD-MV52123 Datasheet
432Kb / 4P
SOLID STATE LED LAMP RECTANGULAR 2 X 5 mm LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-S100 HP-HLMP-S100_1 Datasheet
132Kb / 9P
2 mm x 5 mm Rectangular LED Lamps
HLMP-R100 HP-HLMP-R100_05 Datasheet
174Kb / 9P
Agilent 2.5 mm x 7.6 mm Rectangular LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-S501-C0000 AVAGO-HLMP-S501-C0000 Datasheet
424Kb / 8P
2 mm x 5 mm Rectangular LED Lamps
logo
Broadcom Corporation.
HLMP-R100 BOARDCOM-HLMP-R100 Datasheet
223Kb / 8P
2.5 mm x 7.6 mm Rectangular LED Lamps
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com