Electronic Components Datasheet Search
  English  ▼

X  

LBR151S Datasheet(PDF) 5 Page - GOOD-ARK Electronics

Part # LBR151S
Description  Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LBR151S Datasheet(HTML) 5 Page - GOOD-ARK Electronics

  LBR151S Datasheet HTML 1Page - GOOD-ARK Electronics LBR151S Datasheet HTML 2Page - GOOD-ARK Electronics LBR151S Datasheet HTML 3Page - GOOD-ARK Electronics LBR151S Datasheet HTML 4Page - GOOD-ARK Electronics LBR151S Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LBR151S thru LBR1510S
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
Reverse Voltage 100~1000V Output Current 1.5A
Disclaimers
These materials are intended as a reference to assist our customers in the selection of the Suzhou Good-
Ark product best suited to the customer’s application; they do not convey any license under any intellectual
property rights, or any other rights, belonging to Suzhou Good-Ark Electronics Co., Ltd.or a third party.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, or infringement of any
third-party’ s rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or
circuit application examples contained in these materials.
All information contained in these materials, including product data, diagrams, charts, programs and
algorithms represents information on products at the time of publication of these materials, and are subject
to change by Suzhou Good-Ark Electronics Co., Ltd. without notice due to product improvements or other
reasons. It is therefore recommended that customers contact Suzhou Good-Ark Electronics Co., Ltd. or an
authorized Suzhou Good-Ark Electronics Co., Ltd. for the latest product information before purchasing a
product listed herein. The information described here may contain technical inaccuracies or typographical
errors. Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, liability, or other
loss rising from these inaccuracies or errors. Please also pay attention to information published by Suzhou
Good-Ark Electronics Co., Ltd. by various means, including our website home page.
(http://www.goodark.com)
When using any or all of the information contained in these materials, including product data, diagrams,
charts, programs, and algorithms, Please be sure to evaluate all information as a total system before
making a final decision on the applicability of the information and products. Suzhou Good-Ark Electronics
Co., Ltd. assumes no responsibility for any damage, liability or other loss resulting from the information
contained herein.
The prior written approval of Suzhou Good-Ark Electronics Co., Ltd. is necessary to reprint or reproduce in
whole or in part these materials.
Please contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized distributor for further details on
these materials or the products contained herein.
www.goodark.com
5/5
2016.01-Rev.C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com