Electronic Components Datasheet Search
  English  ▼

X  

OV491 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV491
Description  Rear View Camera
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV491 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV491 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV491 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
¬
Rear View Camera
Surround View System
e-Mirror
¬
¬
Camera Monitoring System (CMS)
Advanced Driver Assistance System
(ADAS)
Applications
¬
¬
¬
¬
¬
¬
¬
¬
¬
advanced 150Mp/s throughput ISP
for high quality image capturing and
video streaming
local and global tone mapping support
up to 3-capture HDR combination
simultaneous output of fully
processed YUV for display-based
applications and RAW for machine
vision applications
embedded information including
frame counter, temperature, and
register data for each image to
enable critical automotive
safety applications
auto white balance (AWB)
automatic exposure control (AEC) /
automatic gain control (AGC)
supports statistics data of up to
four user programmable ROIs
SCCB master/slave interface for
sensor and ASIC configuration
supports four-wire or two-wire serial
interface to retrieve stored firmware
from external memory devices,
such as EEPROM
on-chip PLL to generate internal clocks
on-chip voltage regulator 1.8V to 1.1V
brown-out detection circuit and
output flag
supports 2x2 lane MIPI RX/TX
and 1x4 lane MIPI RX/TX
supports 12-bit DVP input,
shared with MIPI RX
supports 12-bit DVP output,
shared with MIPI TX
supports 24-bit DVP output,
shared with BT1120 output
embedded 32-bit RISC processor
for high performance and flexibility
supports 1K bits of one-time
programmable memory (OTP)
JTAG boundary scan
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
Product Features
¬
OV00491-B69G-1C
(lead-free, 169-pin BGA,
packed in tray)
¬
OV00491-B69G-TC
(lead-free, 169-pin BGA,
packed in tape and reel)
Ordering Information
¬
¬
power supply:
- core: 1.1V ±5%
- I/O: 1.8V ±5% or 3.3V ±5%
power requirements: 325 mW,
measured at 1920x1080 @ 30 fps,
12-bit plus 12-bit input from OV2775
via MIPI interface and 1920x1080
YUV422 output via MIPI interface
¬
¬
temperature range:
- operating: -40°C to +105°C
ambient temperature and
-40°C to +125°C junction
temperature
package dimensions: 7 mm x 7 mm
Product Specifications
OV491
Version 1.3, August, 2017
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision, the OmniVision logo and OmniPixel are registered
trademarks of OmniVision Technologies, Inc. OmniBSI-2 is a trademark of OmniVision Technologies,
Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
Functional Block Diagram
DVP IN
MIPI RX
DVP OUT
BT1120
MIPI TX
embedded
line
brown out
SCCBM0
AWB
32 bits RISC CPU
firmware
AEC
tone
mapping
PRAM
boot
ROM
JTAG
temperature sensor
regulator
SPI I/F
UART I/F
SCCBM1
FSIN0
FSIN1
sensor 0
sensor 0/1
IDC
HDR
ISP
sensor 0
sensor 0/1
sensor 0/1
NTSC
video
SCCBS
SDA/SCL
PLL
XCLK
6 ~ 36 MHz
SPI
flash
OV491



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com