Electronic Components Datasheet Search
  English  ▼

X  

OV580 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV580
Description  3D bridge chip product brief
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV580 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV580 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV580 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬ Stand Alone 3D ISP Chip
Applications
¬
¬
¬
¬
¬
supports a maximum 3MP sensor input
or EIS 1080p (maximum input width is
2208 pixels and maximum input height
is 1536 lines) for ISP process
supports dual 2-lane MIPI RX interface
with maximum data transfer rate of
800 Mbps (MIPI RX 2x2 lane can
combine dual 2-lane to single 4-lane
MIPI RX to receive higher resolution
sensor input, such as 8MP, 13MP
sensors)
supports RAW8, RAW10, RAW12 and
YUV422 format input
supports video class and audio class
based on USB 3.0 interface
built-in advanced image signal
processor (ISP) for high quality images
and video streaming, which features
include:
- AWB
- AEC/AGC
- AFC
- DNS
- gamma
- special digital effects (SDE)
supports two sets of external I2S
audio input interface
supports one MIPI TX 4-lane interface
supports 3D mode processed images
of up to 1920x1080 @ 30 fps or
1280x800 @ 60 fps
embedded 32-bit RISC processor with
96 KB program memory
on-chip PLL with an input clock
frequency of 20 MHz
embedded 1.2V regulator, that
supports a typical 240 mA current
and maximum 480 mA current
supports 1K bits of one time
programmable memory (OTP)
supports two sets of SCCB master and
one set of SCCB slave
core 1.2 power can be supplied by
external power supply or internal
regulator
¬
¬
¬
¬
¬
¬
¬
¬
¬
Product Features
¬
OV00580-B21G-1C
(lead-free, 121-pin BGA)
Ordering Information
¬
¬
power supply:
- core: 1.2V ±10%
- analog: 1.8V ±10% (MIPI) /
3.3V ±10% (USB)
- I/O: 3.3V / 2.5V / 1.8V ±10%
power requirements:
- active: 460 mW
- standby: 1.7 mA
¬
¬
temperature range:
- operating: -30°C to +70°C
ambient temperature
package dimensions: 8 x 8 x 1.2 mm
Product Specifications
OV580
Version 1.2, September, 2017
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision and the OmniVision logo are registered trademarks of
OmniVision Technologies, Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com