| Electronic Components Datasheet Search |
|
OV788 Datasheet(PDF) 1 Page - OmniVision Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
OV788 Datasheet(HTML) 1 Page - OmniVision Technologies, Inc. |
|
1 / 2 page ![]() Low-Power 720p High Definition IP Camera Solution for Home Security and Surveillance Systems OV788-IPproductbrief lead free available in a lead-free package OmniVision's 720p high definition (HD) IP camera platform offers an industry-leading low power and fast boot-up design, ideally suited for consumer-level home security and surveillance applications. The camera platform utilizes WiFi technology and video encoding to transmit the 720p HD video at 30 frames per second (fps) to remote viewing devices with Internet access, such as smartphones, tablets or notebooks. The IP camera platform leverages OmniVision's OV788, a highly integrated, low power dual core multimedia camera processor, which supports two widely used operating systems. One option is OmniVision's proprietary Real Time Operating System (RTOS), which is lightweight and requires no external memory. The other option is a feature-rich Linux operating system that provides the most compatible platform for networking protocols. Utilizing an embedded advanced ISP, the OV788 supports 720p high definition RAW image sensors up to 30 fps. In addition to an embedded compression engine, the OV788 supports still image capture up to 16 megapixels at 5 fps. The OV788 implements an advanced video engine to achieve high performance video recording and decoding. The engine is capable of recording three video streams in full VGA at 30 fps, or decoding three video streams in full VGA at 30 fps and four video streams in full QVGA at 90 fps. OmniVision's 720p HD IP camera Product Development Kit (PDK) provides the total solution, which includes hardware, firmware, and an iOS and Android app. Find out more at www.ovt.com. |
Similar Part No. - OV788 |
|
Similar Description - OV788 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |