Electronic Components Datasheet Search
  English  ▼

X  

OV798 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV798
Description  Battery Home Automation Cameras
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV798 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV798 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV798 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version 1.1, October, 2017
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision and the OmniVision logo are registered trademarks of
OmniVision Technologies, Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
¬
¬
general purpose I/O (GPIO)
- flexible GPIO capability
for most of the I/O pins
- 12 dedicated GPIOs equipped with
interrupt capabilities
miscellaneous
- dedicated JTAG interface
- embedded power switches to
control power domains
- embedded PLLs
- embedded USB PHY
¬
¬
Product Features (continued)
¬
OV00798-B56G-1C
(lead-free, 256-pin BGA)
¬
OV00798-U96G-2C
(lead-free, 196-pin BGA)
Ordering Information
¬
¬
Battery Doorbell
Battery IPC
¬ Battery Home Automation Cameras
Applications
OV798
embedded dual microcontrollers
- main ARM® Cortex® A5 MCU
- supports 32 kB instruction cache and
32 kB data cache
- secondary 32-bit RISC MCU
- supports 8 kB instruction cache and
8 kB data cache
DDR-SDRAM controller (256-pin only)
- supports DDR2/LPDDR2 16 bits wide
- supports DDR3 16 bits wide
- built-in DDR PHY which supports
various internal DDR memories
¬
¬
power requirements:
- active (256-pin): 380 mW
(measured at 1080p @ 30 fps)
- active (196-pin): 430 mW
(measured at 1080p @ 30 fps)
package dimensions:
- 256-pin: 11 mm x 11 mm
- 196-pin: 9.5 mm x 9.5 mm
¬
¬
Product Specifications
power supply:
- core: 1.1V
- analog: 2.5V/3.3V
- DDR I/O: 1.2V (LPDDR2) ( / 1.35V
(DDR3L) /1.5V (DDR3) 256-pin only)
- I/O: 1.8V/3.3V
- PLL: 1.8V
temperature range:
- commercial grade operational
temperature: -30°C to +85°C
¬
¬
¬
¬
¬
host interfaces (196-pin only)
– two UART interfaces
– three serial interfaces
(multiplexed with other functions)
storage interfaces
- storage I/O peripheral interface
- NAND flash interface
USB host
- USB2.0 HS/FS host controller
USB device
- USB2.0 HS/FS device controller
- supports UVC video class
- supports mass storage class
audio CODEC and audio engine
- built-in 16-bit mono audio ADC and
20-bit mono audio DAC
- supports external audio CODEC
through two audio serial interfaces
for full duplex audio functions
- embedded audio engine for audio
recording and playback
- supports various audio formats
security engine
- supports AES/DES/
3DES encryption/decryption
display interface
- supports MIPI two-lane transmitter
up to 1080p
- supports 8-bit or 16-bit DVP output
(256-pin only)
- supports HDMI and BT1120 digital
output (256-pin only)
- supports on-screen-display (OSD)
and scaling functions
¬
¬
¬
¬
¬
¬
¬
Product Features
general features
- highly integrated low power and fast
boot up video processor
camera interfaces
- MIPI one 4-lane, two 2-lane or
four 1-lane receiver
- 10-bit RAW RGB (or 8-bit YUV DVP
input - in 256-pin only)
- supports up to 16MP image sensor
- SCCB master to access image sensor
image signal processor
- dual sensor 10-bit raw to YUV processing
- adjustable AEC/AGC, AWB and auto focus
- color correction/adjustment, gamma
correction and contrast adjustment
- digital effects
- 16x16 zone lens shading correction
and online color shading correction
- lens distortion and prospective correction
- defective pixel correction
- mirror, flip and rotation
- supports up to 4X digital zoom
- 3D/2D de-noise filter
- RGB-Ir processing
- HDR processing
video engine
- supports single video recording with a
maximum resolution of up to 1080p
(1920x1080)
- supports dual video stream recording
with one 1080p (1920x1080) stream
and one 720p (1280x720) stream
- rate control to support various and
constant bit rates
- flexible motion detection with
8 windows of ROI
still picture
- supports still picture capture up to 16MP
- supports still picture compression
Functional Block Diagram
OV798
camera
interface
peripheral interface
display
interface
memory bus
system bus
MIPI RX
DVP
SRAM
DDR
MIPI TX
DVP
memory
controller
ISP
image
encode
video
encode
IS
DS
DMA
cortex A5
arbiter
JTAG
serial
interface
USB
NAND
flash
audio
interface
storage
card IF
SCCB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com