Electronic Components Datasheet Search
  English  ▼

X  

OV6922 Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV6922
Description  Medical Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV6922 Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV6922 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV6922 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultra Small 1/18-inch CMOS Camera-on-a-Chip
OV6922 NTSCproductbrief
lead free
available in
a lead-free
package
The OV6922 is a 1/18-inch optical format CMOS image
sensor incorporating a high level of functionality and
very low power consumption in an ultra-small footprint
package. This makes it ideal for use in small disposable
cameras for medical imaging applications such as
diagnostic and intubation systems.
The 2.1 mm x 2.3 mm CSP packaged sensor enables a
microscopic camera module with a 4.0 mm diameter, to
make medical procedures even less invasive for the
patient.
Having been designed for very low power operation, the
OV6922 only requires a clock and a single 3.3-volt DC
power supply to get the NTSC composite signal out to a
direct interface with a VCR and TV monitor.
The OV6922 is built on OmniVision's proprietary
OmniPixelâ architecture providing the highest image
quality, performance and clarity. It is an ideal solution
for medical applications that require both color video
and a very small footprint package.
Find out more at www.ovt.com.


Similar Part No. - OV6922

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV6930 OMNIVISION-OV6930 Datasheet
5Mb / 2P
Security and Surveillance
OV6946 OMNIVISION-OV6946 Datasheet
774Kb / 2P
Wearable Devices
OV6948 OMNIVISION-OV6948 Datasheet
641Kb / 2P
Medical Endoscopes and Catheters
More results

Similar Description - OV6922

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL70002 ZARLINK-ZL70002 Datasheet
271Kb / 12P
Medical Surge Protection Devices
logo
Freescale Semiconductor...
AN4025 FREESCALE-AN4025 Datasheet
2Mb / 31P
Implementing a Glucometer and Blood Pressure Monitor Medical Devices
IMX537INDFS FREESCALE-IMX537INDFS Datasheet
469Kb / 2P
Enabling enhanced graphics and connectivity for industrial and medical devices
logo
Cymbet Corporation
WP-72-09 CYMBET-WP-72-09 Datasheet
204Kb / 5P
Non-Cytotoxic Rechargeable Batteries for Medical Devices
logo
Laird Tech Smart Techno...
BT900-SA-0X LSTD-BT900-SA-0X Datasheet
2Mb / 46P
Medical devices
logo
Taiyo Yuden (U.S.A.), I...
EMJ212CB7225KG8T TAIYO-YUDEN-EMJ212CB7225KG8T Datasheet
404Kb / 3P
Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
EMJ316BB7106KL8T TAIYO-YUDEN-EMJ316BB7106KL8T Datasheet
404Kb / 3P
Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
EMJ316BB7475KL8T TAIYO-YUDEN-EMJ316BB7475KL8T Datasheet
403Kb / 3P
Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
GMJ107BB7224KA8T TAIYO-YUDEN-GMJ107BB7224KA8T Datasheet
405Kb / 3P
Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
GMJ107BB7473KA8T TAIYO-YUDEN-GMJ107BB7473KA8T Datasheet
401Kb / 3P
Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com