Electronic Components Datasheet Search
  English  ▼

X  

OV6930 Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV6930
Description  Security and Surveillance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV6930 Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV6930 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV6930 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industry's Smallest 400 x 400 Image Sensor
OV6930 400x400productbrief
lead free
available in
a lead-free
package
With a packaged footprint of only 1.8 mm x 1.8 mm, the
OV6930 is the ideal solution for camera applications
that require less than a 2.6 mm outside diameter, such
as medical endoscopes. The OV6930's unique
architecture combines ultra-low power consumption
with OmniVision's best-in-class pixel technology,
OmniPixel3-HS™, enabling low-light performance of
3300 mV/lux-sec.
In addition to its small footprint and extraordinary
performance, the OV6930 offers raw serial output,
allowing cabling up to 14 feet with two wires.
The low-voltage OV6930 provides either full-frame or
cropped analog images in RAW RGB format via serial
camera control bus (SCCB) interface control.
The device offers an image array capable of operating
up to 30 frames per second (fps) in 400 x 400 or 60 fps
in 400 x 200 resolution, with simplified exposure
control programmable through the SCCB interface.
OmniVision's image sensors leverage proprietary
technology to improve image quality by reducing or
eliminating common lighting/electrical sources of image
contamination, such as fixed pattern noise and
smearing, to produce a clean, fully stable, color image.
No other image sensor on the market offers high
performance and sensitivity in such a small form factor.
Find out more at www.ovt.com.


Similar Part No. - OV6930

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV6922 OMNIVISION-OV6922 Datasheet
2Mb / 2P
Medical Devices
OV6946 OMNIVISION-OV6946 Datasheet
774Kb / 2P
Wearable Devices
OV6948 OMNIVISION-OV6948 Datasheet
641Kb / 2P
Medical Endoscopes and Catheters
More results

Similar Description - OV6930

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64285K MITSUBISHI-M64285K Datasheet
321Kb / 26P
CMOS Image Sensor(Image inputting systems for gaming devices, interface systems, security, surveillance,)
logo
List of Unclassifed Man...
V6130 ETC-V6130 Datasheet
514Kb / 12P
Accurate Power Surveillance and Software Monitoring
V6150 ETC1-V6150 Datasheet
169Kb / 12P
Power Surveillance and Software Monitoring
logo
Intersil Corporation
TW2851 INTERSIL-TW2851 Datasheet
1Mb / 2P
Security Surveillance IC Solutions
TW2866-LC1-CR INTERSIL-TW2866-LC1-CR Datasheet
1Mb / 2P
Security Surveillance IC Solutions
logo
Laird Tech Smart Techno...
ECCOSTOCK-SH LSTD-ECCOSTOCK-SH Datasheet
114Kb / 2P
Security and Defense
logo
Silicon Laboratories
SI3406X SILABS-SI3406X Datasheet
1,017Kb / 36P
Security and surveillance IP cameras
logo
ADL Embedded Solutions
ADLQM87PC ADL-ADLQM87PC_18 Datasheet
213Kb / 2P
Surveillance and reconnaissance
logo
OmniVision Technologies...
OV5658 OMNIVISION-OV5658 Datasheet
1Mb / 2P
Security and Surveillance
logo
Transcend Information. ...
TS128GUSD350V TRANSCEND-TS128GUSD350V Datasheet
619Kb / 3P
Ideal for dashcams, security cameras, and surveillance systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com