Electronic Components Datasheet Search
  English  ▼

X  

OV6946 Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV6946
Description  Wearable Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV6946 Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV6946 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV6946 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cost-Effective, Ultra-Compact Camera Solution
for Medical and Industrial Endoscopes
OV6946 400x400productbrief
lead free
available in
a lead-free
package
OmniVision's OV6946 is an ultra-compact CameraChip™
sensor that brings high quality images and video with
excellent color fidelity to endoscopes. The 1/18-inch
sensor's 0.9 x 0.9 mm compact package, low power
consumption, coupled with wide field-of-view with short
focus distance make it an ideal camera solution for
medical and industrial applications.
Utilizing an advanced 1.75-micron OmniBSI+™ pixel, the
OV6946 captures high quality 400 x 400 resolution
images and video at 30 frames per second (fps). The
OV6946 enables minimally invasive endoscope module
designs with a width of 1.65 mm and height of 5 mm.
The OV6946 CameraChip sensor's reduced pinout and
basic image signal processing functionality offer easy
integration, enabling faster time-to-market.
Find out more at www.ovt.com.


Similar Part No. - OV6946

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV6948 OMNIVISION-OV6948 Datasheet
641Kb / 2P
Medical Endoscopes and Catheters
More results

Similar Description - OV6946

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14690 MAXIM-MAX14690 Datasheet
714Kb / 3P
Wearable Charge-Management Solution
Rev 10; 4/16
logo
Illinois Capacitor, Inc...
RJD2032C1 ILLINOISCAPACITOR-RJD2032C1 Datasheet
521Kb / 10P
Wearable electronic & IoT devices ??Memory backup circuits
logo
Maxim Integrated Produc...
MAX32625 MAXIM-MAX32625 Datasheet
1Mb / 27P
High-Efficiency Microcontroller for Wearable Devices
Rev 0; 8/16
logo
OmniVision Technologies...
OVM6211 OMNIVISION-OVM6211 Datasheet
1Mb / 2P
Wearable Devices
OVM9724 OMNIVISION-OVM9724 Datasheet
714Kb / 2P
Wearable Devices
logo
Dialog Semiconductor
SLG7NT41502 DIALOG-SLG7NT41502 Datasheet
666Kb / 10P
CURIE BASED WEARABLE
logo
Maxim Integrated Produc...
MAX20303 MAXIM-MAX20303 Datasheet
2Mb / 152P
Wearable Power Management Solution
Rev 6; 10/17
MAX30112 MAXIM-MAX30112 Datasheet
707Kb / 40P
Wrist-Worn Wearable Devices
Rev 0; 5/17
MAX14676 MAXIM-MAX14676 Datasheet
304Kb / 3P
Wearable Charge Management Solution
Rev 3; 5/17
logo
Renesas Technology Corp
SLG7NT41502V RENESAS-SLG7NT41502V Datasheet
832Kb / 10P
CURIE BASED WEARABLE
February 25, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com