Electronic Components Datasheet Search
  English  ▼

X  

LM2470 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2470
Description  Monolithic Triple 7.0 ns CRT Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2470 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2470 Datasheet HTML 4Page - National Semiconductor (TI) LM2470 Datasheet HTML 5Page - National Semiconductor (TI) LM2470 Datasheet HTML 6Page - National Semiconductor (TI) LM2470 Datasheet HTML 7Page - National Semiconductor (TI) LM2470 Datasheet HTML 8Page - National Semiconductor (TI) LM2470 Datasheet HTML 9Page - National Semiconductor (TI) LM2470 Datasheet HTML 10Page - National Semiconductor (TI) LM2470 Datasheet HTML 11Page - National Semiconductor (TI) LM2470 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Application Hints (Continued)
TABLE 1. LM2470 40V
PP Cathode Response
Channel
t
r/OS
t
f/OS
Red
7.6ns / 8%
7.6ns / 7%
Green
7.1ns / 7%
7.3ns / 6%
Blue
7.2ns / 8%
7.1ns / 8%
TABLE 2. LM2470 60V
PP Cathode Response
Channel
t
r/OS
t
f/OS
Red
8.4ns / 7%
7.9ns / 6%
Green
8.0ns / 6%
7.9ns / 4%
Blue
8.2ns / 6%
7.4ns / 6%
PC BOARD LAYOUT CONSIDERATIONS
For optimum performance, an adequate ground plane, iso-
lation between channels, good supply bypassing and mini-
mizing unwanted feedback are necessary. Also, the length of
the signal traces from the preamplifier to the LM2470 and
from the LM2470 to the CRT cathode should be as short as
possible. The following references are recommended:
Ott, Henry W., “Noise Reduction Techniques in Electronic
Systems”, John Wiley & Sons, New York, 1976.
“Video Amplifier Design for Computer Monitors”, National
Semiconductor Application Note 1013.
Pease,
Robert A.,
“Troubleshooting Analog
Circuits”,
Butterworth-Heinemann, 1991.
Because of its high small signal bandwidth, the part may
oscillate in a monitor if feedback occurs around the video
channel through the chassis wiring. To prevent this, leads to
the video amplifier input circuit should be shielded, and input
circuit wiring should be spaced as far as possible from output
circuit wiring.
NSC DEMONSTRATION BOARD
Figure 13 shows the routing and component placement on
the NSC LM123X/246X demonstration board. The sche-
matic of the board is shown in Figure 11 and Figure 12. This
board provides a good example of a layout that can be used
as a guide for future layouts. Note the location of the follow-
ing components:
•
C19—V
CC bypass capacitor, located very close to pin 4
and ground pins
•
C20—V
BB bypass capacitors, located close to pin 8 and
ground
•
C46, C47, C48 — V
CC bypass capacitors, near LM2470
and V
CC clamp diodes. Very important for arc protection.
The routing of the LM2470 outputs to the CRT is very critical
to achieving optimum performance. Figure 14 shows the
routing and component placement from pin 1 of the LM2470
to the blue cathode. Note that the components are placed so
that they almost line up from the output pin of the LM2470 to
the blue cathode pin of the CRT connector. This is done to
minimize the length of the video path between these two
components. Note also that D8, D9, R24 and D6 are placed
to minimize the size of the video nodes that they are at-
tached to. This minimizes parasitic capacitance in the video
path and also enhances the effectiveness of the protection
diodes. The anode of protection diode D8 is connected
directly to a section of the the ground plane that has a short
and direct path to the LM2470 ground pins. The cathode of
D9 is connected to V
CC very close to decoupling capacitor
C19 (see Figure 14) which is connected to the same section
of the ground plane as D8. The diode placement and routing
is very important for minimizing the voltage stress on the
LM2470 during an arcover event. Lastly, notice that S3 is
placed very close to the blue cathode and is tied directly to
CRT ground.
20087116
FIGURE 10. Red Cathode Response
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com