Electronic Components Datasheet Search
  English  ▼

X  

1046898 Datasheet(PDF) 4 Page - SICK AG

Part # 1046898
Description  PHOTOELECTRIC SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1046898 Datasheet(HTML) 4 Page - SICK AG

  1046898 Datasheet HTML 1Page - SICK AG 1046898 Datasheet HTML 2Page - SICK AG 1046898 Datasheet HTML 3Page - SICK AG 1046898 Datasheet HTML 4Page - SICK AG 1046898 Datasheet HTML 5Page - SICK AG 1046898 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WTV4-3N1171 | MultiV
PHOTOELECTRIC SENSORS
Connection diagram
Cd-083
+ (L+)
Q
- (M)
brn
wht
blu
blk
1
2
3
Q
4
Characteristic curve
WTV4-3, V-optics, line-shaped light spot
mm
(inch)
10
(0.39)
20
(0.79)
30
(1.18)
40
(1.57)
50
(1.97)
100
90
80
70
60
50
40
30
20
10
0
Adjusted sensing distance in mm (inch)
Expirically no influence of
backgrounds independent
of shape, texture and surface
Sensing range
(detection of objects)
Transition zone (critical
background may trigger
a false signal)
Light spot size
WTV4-3, V-optics, line-shaped light spot
15 mm
22°
Apex angle 8°
30 mm
45 mm
3 x 10 mm
2 x 15 mm
3 x 22 mm
4
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-09-11 15:01:27
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com