Electronic Components Datasheet Search
  English  ▼

X  

OV6948 Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV6948
Description  Medical Endoscopes and Catheters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV6948 Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV6948 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV6948 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
One of the World's Smallest Commercial Image Sensors
with Industry-Leading Resolution and Image Quality for
Medical Applications
OV6948 200x200productbrief
lead free
available in
a lead-free
package
OmniVision's OV6948 is one of the world's smallest
commercial image sensors. Initially developed for small-
outer-diameter medical endoscopes and catheters, the
OV6948 can be designed into a wide range of
applications, including dental, veterinary, internet-of-
things (IoT), industrial, wearable and forensic devices.
The OV6948 leverages OmniVision's proven OmniBSI+™
pixel technology to deliver best-in-class image quality
and low-light performance in a package that measures
just 575 µm x 575 µm.
The OV6948 has an 1/36-inch optical format and an
image array capable of capturing 200 x 200 resolution
video at up to 30 frames per second (fps).
It offers exceptional low-light sensitivity of
1000 mV/lux-sec, and using OmniVision's proprietary
sensor technology, delivers excellent image quality in
terms of color fidelity, sharpness and low noise.
Due to the sensor's low power consumption, less heat is
generated at the distal tip of the endoscope, improving
patient comfort and thus permitting longer-duration
procedures. The sensor enables easy integration, with a
4-pin interface and analog data output, capable of data
transmission of up to 4 meters with minimal signal noise.
Find out more at www.ovt.com.


Similar Part No. - OV6948

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV6946 OMNIVISION-OV6946 Datasheet
774Kb / 2P
Wearable Devices
More results

Similar Description - OV6948

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPS100-M EMERSON-NETWORKPOWER-LPS100-M Datasheet
618Kb / 3P
Medical and ITE safeties
LPS200-M EMERSON-NETWORKPOWER-LPS200-M Datasheet
757Kb / 3P
Medical and ITE safeties
DA12-M EMERSON-NETWORKPOWER-DA12-M_09 Datasheet
603Kb / 4P
Medical and ITE Safeties
logo
FSP TECHNOLOGY INC.
FSP042-1K00M1 FSP-FSP042-1K00M1 Datasheet
144Kb / 1P
Medical and ITE approvals
FSP060-1K20M1 FSP-FSP060-1K20M1 Datasheet
154Kb / 1P
Medical and ITE approvals
FSP060-2K50M1 FSP-FSP060-2K50M1 Datasheet
154Kb / 1P
Medical and ITE approvals
FSP060-3K20M1 FSP-FSP060-3K20M1 Datasheet
154Kb / 1P
Medical and ITE approvals
FSP100-1K40M1 FSP-FSP100-1K40M1 Datasheet
153Kb / 1P
Medical and ITE approvals
logo
OmniVision Technologies...
OV420 OMNIVISION-OV420 Datasheet
1Mb / 2P
Veterinarian Endoscopes
OVM6948 OMNIVISION-OVM6948 Datasheet
486Kb / 2P
Miniature Camera Module Provides High-Quality Imaging for Disposable Medical Guidewires, Catheters and Endoscopes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com